전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCH16501 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74ALVCH16501
상세설명  18-bit universal bus transceiver; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16501 데이터시트(HTML) 4 Page - NXP Semiconductors

  74ALVCH16501_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
74ALVCH16501
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 10 July 2012
4 of 18
NXP Semiconductors
74ALVCH16501
18-bit universal bus transceiver; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 5.
Pin configuration
74ALVCH16501
OEAB
GND
LEAB
CPAB
A0
B0
GND
GND
A1
B1
A2
B2
VCC
VCC
A3
B3
A4
B4
A5
B5
GND
GND
A6
B6
A7
B7
A8
B8
A9
B9
A10
B10
A11
B11
GND
GND
A12
B12
A13
B13
A14
B14
VCC
VCC
A15
B15
A16
B16
GND
GND
A17
B17
OEBA
CPBA
LEBA
GND
001aal716
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
Table 2.
Pin description
Symbol
Pin
Description
OEAB
1
output enable A-to-B input
LEAB
2
latch enable A-to-B input
A0 to A17
3, 5, 6, 8, 9, 10, 12, 13, 14, 15, 16, 17, 19, 20, 21, 23, 24, 26
data inputs or outputs
GND
4, 11, 18, 25, 29, 32, 39, 46, 53, 56
ground (0 V)
VCC
7, 22, 35, 50
positive supply voltage
OEBA
27
output enable B-to-A
LEBA
28
latch enable B-to-A


유사한 부품 번호 - 74ALVCH16501_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCH16501DGG PHILIPS-74ALVCH16501DGG Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
74ALVCH16501DGG NXP-74ALVCH16501DGG Datasheet
377Kb / 18P
   18-bit universal bus transceiver; 3-state
Rev. 03-2 April 2010
logo
Nexperia B.V. All right...
74ALVCH16501DGG NEXPERIA-74ALVCH16501DGG Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
logo
Texas Instruments
74ALVCH16501DGGRG4 TI-74ALVCH16501DGGRG4 Datasheet
297Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16501DL NXP-74ALVCH16501DL Datasheet
377Kb / 18P
   18-bit universal bus transceiver; 3-state
Rev. 03-2 April 2010
More results

유사한 설명 - 74ALVCH16501_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com