전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX2321 데이터시트(PDF) 18 Page - Maxim Integrated Products

부품명 MAX2321
상세설명  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2321 데이터시트(HTML) 18 Page - Maxim Integrated Products

Back Button MAX2321 Datasheet HTML 14Page - Maxim Integrated Products MAX2321 Datasheet HTML 15Page - Maxim Integrated Products MAX2321 Datasheet HTML 16Page - Maxim Integrated Products MAX2321 Datasheet HTML 17Page - Maxim Integrated Products MAX2321 Datasheet HTML 18Page - Maxim Integrated Products MAX2321 Datasheet HTML 19Page - Maxim Integrated Products MAX2321 Datasheet HTML 20Page - Maxim Integrated Products MAX2321 Datasheet HTML 21Page - Maxim Integrated Products MAX2321 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
18
______________________________________________________________________________________
Table 9. Cellular Mixer S11 in High-Gain,
High-Linearity Mode
Table 8. PCS LNA S Parameters in High-Gain, High-Linearity Mode
0.158
100
0.769
-71
0.614
2500
-113
3.78
74
0.126
99
0.754
-69
0.571
2450
-113
3.79
73
0.106
93
0.739
-67
0.55
2400
-113
3.9
75
0.1
86
0.727
-66
0.54
2350
-112
3.88
78
0.099
82
0.705
-64
0.525
2300
-110
3.83
81
0.094
79
0.683
-63
0.503
2250
-107
3.67
82
0.093
73
0.677
-64
0.467
2200
-104
3.56
81
0.101
71
0.695
0.103
74
-63
0.7
-61
0.69
-59
0.098
76
0.405
2150
-106
3.68
0.391
2100
-112
79
3.82
81
3.82
83
0.407
2050
-115
0.094
76
0.681
-58
0.423
2000
-116
3.85
83
0.09
75
0.673
-57
0.43
1950
-115
3.82
84
0.093
72
0.68
-55
0.434
1900
-114
3.9
82
0.09
77
0.657
-53
0.439
1850
-113
4.23
84
0.086
76
0.643
0.082
77
-52
0.64
-52
0.64
S22
(mag)
-51
0.077
S12
(mag)
77
S22
(phase)
S12
(phase)
0.44
1800
-113
4.18
0.446
1750
-113
88
4.07
88
4.22
S21
(mag)
86
0.46
S11
(mag)
1700
-112
S21
(phase)
FREQUENCY
(MHz)
S11
(phase)
0.842
1000
-48.5
0.842
950
-46.3
0.843
900
-44.1
0.844
850
-42.2
0.846
800
-40.2
0.849
750
-38
0.853
S11
(mag)
700
-35.8
FREQUENCY
(MHz)
S11
(phase)


유사한 부품 번호 - MAX2321

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
1Mb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
929Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
More results

유사한 설명 - MAX2321

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
   High Linearity Dual-Band UMTS LNA
V3.0, August 2008
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
   S-Band High Linearity LNA
logo
Maxim Integrated Produc...
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX9981 MAXIM-MAX9981 Datasheet
409Kb / 15P
   825MHz to 915MHz, Dual SiGe High-Linearity Active Mixer
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
   MULTI-MODE DUAL-BAND LNA MIXER
logo
Maxim Integrated Produc...
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
   825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
139Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com