전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX2324 데이터시트(PDF) 3 Page - Maxim Integrated Products

부품명 MAX2324
상세설명  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2324 데이터시트(HTML) 3 Page - Maxim Integrated Products

  MAX2324 Datasheet HTML 1Page - Maxim Integrated Products MAX2324 Datasheet HTML 2Page - Maxim Integrated Products MAX2324 Datasheet HTML 3Page - Maxim Integrated Products MAX2324 Datasheet HTML 4Page - Maxim Integrated Products MAX2324 Datasheet HTML 5Page - Maxim Integrated Products MAX2324 Datasheet HTML 6Page - Maxim Integrated Products MAX2324 Datasheet HTML 7Page - Maxim Integrated Products MAX2324 Datasheet HTML 8Page - Maxim Integrated Products MAX2324 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS—MAX2322/MAX2324
(VCC = +2.7V to +3.6V, RRBIAS = RRLNA = 20k
Ω, no RF signals applied, BUFFEN = low, LO buffer outputs connected to VCC through
50
Ω resistors, all other RF and IF outputs connected to VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC =
+2.75V and TA = +25°C, unless otherwise noted.)
DC ELECTRICAL CHARACTERISTICS—MAX2327
(VCC = +2.7V to +3.6V, RRBIAS = RRLNA = 20k
Ω, no RF signals applied, BUFFEN = low, LO buffer outputs connected to VCC through
50
Ω resistors, all other RF and IF outputs connected to VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
VCC = +2.75V and TA = +25°C, unless otherwise noted.)
High-gain,
high-linearity
modes
FM mode (MAX2324 only)
(Note 1)
LOX2 = low
14.5
18.5
CONDITIONS
LOX2 = high
PCS band
(MAX2322)
20
25.3
24
30.8
Cellular band (MAX2324)
20
25.3
µA
-35
IIL
Digital Input Current Low
µA
5
IIH
Digital Input Current High
V
0.6
VIL
Digital Input Logic Low
V
+2.7
+3.6
VCC
Supply Voltage
V
2.0
VIH
Digital Input Logic High
µA
0.1
20
ISHDN
Shutdown Supply Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
mA
High-gain,
low-linearity
paging modes
LOX2 = low
LOX2 = high
PCS band
(MAX2322)
15
19.5
19
25
Cellular band (MAX2324)
15
19.5
ICC
Low-gain,
high-linearity
modes
LOX2 = low
LOX2 = high
PCS band
(MAX2322)
17
21.5
21
26
Cellular band (MAX2324)
17
21.5
Operating Supply Current
(Note 1)
Additional current for BUFFEN = high
mA
5
7.5
ILOBUF
LO Buffer Supply Current
MAX2324 only
MAX2324 only, VMODEOUT = 2.4V
MAX2324 only
MAX2324 only
µA
-100
IOL
Digital Output Current Low
µA
30
IOH
Digital Output Current High
V
0.4
VOL
Digital Output Logic Low
V
1.7
VOH
Digital Output Logic High
FM mode
(Note 1)
14.5
18.5
CONDITIONS
µA
-35
IIL
Digital Input Current Low
µA
5
IIH
Digital Input Current High
V
0.6
VIL
Digital Input Logic Low
V
+2.7
+3.6
VCC
Supply Voltage
V
2.0
VIH
Digital Input Logic High
µA
0.1
20
ISHDN
Shutdown Supply Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
15
19.5
PCS band
High-gain mode
mA
15
19.5
ICC
Operating Supply Current
(Note 1)
Cellular band
Additional current for BUFFEN = high
mA
5
7.5
ILOBUF
LO Buffer Supply Current


유사한 부품 번호 - MAX2324

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
1Mb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
929Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
More results

유사한 설명 - MAX2324

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
   High Linearity Dual-Band UMTS LNA
V3.0, August 2008
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
   S-Band High Linearity LNA
logo
Maxim Integrated Produc...
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX9981 MAXIM-MAX9981 Datasheet
409Kb / 15P
   825MHz to 915MHz, Dual SiGe High-Linearity Active Mixer
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
   MULTI-MODE DUAL-BAND LNA MIXER
logo
Maxim Integrated Produc...
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
   825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
139Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com