전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX2327 데이터시트(PDF) 19 Page - Maxim Integrated Products

부품명 MAX2327
상세설명  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2327 데이터시트(HTML) 19 Page - Maxim Integrated Products

Back Button MAX2327 Datasheet HTML 15Page - Maxim Integrated Products MAX2327 Datasheet HTML 16Page - Maxim Integrated Products MAX2327 Datasheet HTML 17Page - Maxim Integrated Products MAX2327 Datasheet HTML 18Page - Maxim Integrated Products MAX2327 Datasheet HTML 19Page - Maxim Integrated Products MAX2327 Datasheet HTML 20Page - Maxim Integrated Products MAX2327 Datasheet HTML 21Page - Maxim Integrated Products MAX2327 Datasheet HTML 22Page - Maxim Integrated Products MAX2327 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
______________________________________________________________________________________
19
Table 10. PCS Mixer S11 in High-Gain
High-Linearity Mode
Table 11. Mixer IF Port S22
DIGITAL MIXER
-1.10
50
0.999
-2.26
100
0.999
-2.46
110
0.999
-2.89
130
0.998
-3.35
150
0.998
-4.45
200
0.998
-4.67
210
0.998
-5.48
250
0.997
-6.48
300
0.997
-7.47
350
0.996
-8.36
400
0.996
S22
(phase)
FREQUENCY
(MHz)
S22
(mag)
FM MIXER
-7.82
-1.69
50
0.999
250
0.995
-9.06
300
0.994
-10.28
-2.38
70
0.998
350
-2.92
85
0.998
0.993
-11.40
400
0.992
S22
(phase)
FREQUENCY
(MHz)
S22
(mag)
-3.38
100
0.997
-3.71
110
0.997
-4.97
150
0.996
-6.49
200
0.995
FREQUENCY
(MHz)
1700
1750
1800
1850
1900
1950
2000
2050
2100
2150
2200
2250
2300
2350
2400
2450
2500
S11
(mag)
0.865
0.864
0.865
0.867
0.863
0.862
0.861
0.879
0.86
0.858
0.854
0.85
0.845
0.838
0.83
0.825
0.805
S11
(phase)
-62
-63
-64
-64
-65
-65
-66
-67
-68
-68
-69
-71
-72
-74
-76
-78
-82


유사한 부품 번호 - MAX2327

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
1Mb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
929Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
More results

유사한 설명 - MAX2327

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
   High Linearity Dual-Band UMTS LNA
V3.0, August 2008
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
   S-Band High Linearity LNA
logo
Maxim Integrated Produc...
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX9981 MAXIM-MAX9981 Datasheet
409Kb / 15P
   825MHz to 915MHz, Dual SiGe High-Linearity Active Mixer
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
   MULTI-MODE DUAL-BAND LNA MIXER
logo
Maxim Integrated Produc...
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
   825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
139Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com