전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC-10410-A1 데이터시트(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

부품명 TPIC-10410-A1
상세설명  Uncooled LR4 4x10Gb/s, 1310nm CWDM TOSA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

TPIC-10410-A1 데이터시트(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  TPIC-10410-A1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TPIC-10410-A1 Series
Uncooled LR4 4x10Gb/s, 1310nm CWDM TOSA
Product Brief
Description
The TPIC-10410-A1 TOSA is an uncooled, 4x10Gb/s,
1310nm CWDM transmit optical sub-assembly, consisting
of four high reliabilty, high performance DFB lasers, PIN
photodiodes for the purpose of rear facet output power
monitoring, and an optical multiplexer to combine the
outputs from the four lasers. These elements are packaged
in an hermetic, planar package with an LC receptacle.
There are 10 Ohm thin film matching resistors in se-
ries with each laser diode, and the electrical interface is
through two flex connects.
The TOSA is intended for use in a QSFP+ module, serving
the 40GBASE-LR4 application, per IEEE 802.3ba standard.
Features
• Four high-reliability, high performance DFB lasers
• 5 to +75C case operating temperature range
• 10.3125Gb/s data rate for each channel
• PIN monitor photodiodes
• Mechanical design suitable for QSFP+ application
• LC receptacle, with integrated optical isolator,
electrically isolated from TOSA body
• Flex circuit electrical interface
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
CyOptics and the CyOptics logo are trademarks of CyOptics, Inc. in the United States and other countries.
Data subject to change. Copyright © 2005-2013 CyOptics, Inc. All rights reserved.
AV02-4138EN - June 5, 2013


유사한 부품 번호 - TPIC-10410-A1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC0107 TI-TPIC0107 Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI-TPIC0107B Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI1-TPIC0107B Datasheet
289Kb / 15P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107BDWP TI-TPIC0107BDWP Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107BDWP TI1-TPIC0107BDWP Datasheet
289Kb / 15P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
More results

유사한 설명 - TPIC-10410-A1

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
RPIC-10410-A1 AVAGO-RPIC-10410-A1 Datasheet
155Kb / 1P
   LR4 ROSA 4X10Gb/s, 1310nm CWDM
logo
Finisar Corporation.
DFB-1310-10LR-LCA FINISAR-DFB-1310-10LR-LCA Datasheet
249Kb / 5P
   1310nm DFB Laser Diode LC TOSA
FP-1310-10LRM-SCA FINISAR-FP-1310-10LRM-SCA Datasheet
360Kb / 8P
   1310nm SC TOSA with FP laser
logo
OPLINK Communications I...
MWDMG13CS0H11H OPLINK-MWDMG13CS0H11H Datasheet
277Kb / 2P
   1310nm/CWDM Micro-Optic WDM
logo
California Eastern Labs
NX8510UD CEL-NX8510UD Datasheet
354Kb / 6P
   NECs InGaAsP MQW-DFB TOSA FOR 2.5 Gb/s CWDM APPLICATIONS
logo
OPLINK Communications I...
MWDMG13CS-S0028 OPLINK-MWDMG13CS-S0028 Datasheet
286Kb / 2P
   Green 1310nm/CWDM Micro-Optic WDM
logo
Finisar Corporation.
FP-1310-4I-LCB FINISAR-FP-1310-4I-LCB Datasheet
557Kb / 7P
   1310nm FABRY-PEROT (FP) LASER DIODE, LC TOSA
logo
Optoway Technology Inc
DL-53X8AW-CXX0 OPTOWAY-DL-53X8AW-CXX0 Datasheet
92Kb / 4P
   Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD forWide-Band CDMA application
logo
OKI electronic componet...
OL3492N OKI-OL3492N Datasheet
43Kb / 2P
   1310nm MQW Laser Diode Uncooled Coax Module with Single Mode Fiber
logo
California Eastern Labs
NX8517XC CEL-NX8517XC Datasheet
208Kb / 7P
   1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com