전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC-1751H-E3AE 데이터시트(PDF) 1 Page - Advantech Co., Ltd.

부품명 TPC-1751H-E3AE
상세설명  17" TFT LED LCD Intel짰 Atom??Thin Client Terminals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-1751H-E3AE 데이터시트(HTML) 1 Page - Advantech Co., Ltd.

  TPC-1751H-E3AE Datasheet HTML 1Page - Advantech Co., Ltd. TPC-1751H-E3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automation Panel PCs
Features
TPC-1751T
Specifications
General
ƒ
BIOS
AMI UEFI
ƒ
Certification
BSMI, CCC, CE, FCC Class A, UL
ƒ
Cooling System
Fanless design
ƒ
Dimensions (W x H x D) 413.7 x 347.2 x 63.8 (16.28" x 13.68" x 2.5")
ƒ
Enclosure
Front bezel: Die-cast Aluminum alloy
Back housing: SECC
ƒ
Mounting
Desktop, Wall or Panel Mount
ƒ
OS Support
Microsoft® WES7 64bit /WE8S 64bit / Windows 7
32bit/64bit, Windows 8.1 32bit/64bit
ƒ
Power Consumption
43.2 W (Typical)
ƒ
Power Input
24 VDC +/- 20%
ƒ
Watchdog Timer
1 ~ 255 sec (system)
ƒ
Weight (Net)
4 KG
System Hardware
ƒ
CPU
Intel® Atom™ E3827 1.75 GHz Processor
ƒ
Memory
1 x SO-DIMM with 4GB DDR3L SDRAM (supports up to
8G)
ƒ
LAN
10/100/1000 Base-T x 2
ƒ
Expansion Slots
Full-size Mini PCI-E
ƒ
Storage
CFast slot x 1
2.5" SATA SSD slot x 1 (optional)
ƒ
I/O
RS-232 x 1, RS-232/422/485 x 1
USB 3.0 x 1
USB 2.0 x 1
LCD Display
ƒ
Display Type
SXGA TFT LED LCD
ƒ
Display Size
17"
ƒ
Max. Resolution
1280 x 1024
ƒ
Max. Colors
16.7 M
ƒ
Luminance cd/m2
350
ƒ
Viewing Angle (H/V°)
160/140
ƒ
Backlight Life
50,000 hrs
ƒ
Contrast Ratio
800:1
Touchscreen
ƒ
Lifespan
36 million touches at single point
ƒ
Light Transmission
Above 75%
ƒ
Resolution
Linearity
ƒ
Type
5-wire, analog resistive
Environment
ƒ
Humidity
10 ~ 95% RH @ 40°C, non-condensing
ƒ
Ingress Protection
Front panel: IP66
ƒ
Operating Temperature -20 ~ 60°C (-4 ~ 140°F)
ƒ
Storage Temperature
-30 ~ 70°C (-22 ~ 158°F)
ƒ
Vibration Protection
With CFast: 2 Grms (5~500 Hz)
With HDD: 1 Grms (5 ~ 500 Hz)
(Operating, random vibration)
ƒ Industrial 17" SXGA TFT LCD with 50K Lifetime LED Backlight
ƒ Intel® Atom™ E3827 1.75 GHz Processor with 4GB DDR3L SDRAM
ƒ Supports wide operating temperatures -20~60°C
ƒ True-flat with IP66 / non-flat with IP65 certified front panel protection
ƒ Front LED Indicator to Show Operating Status
ƒ Durable 5-wire Resistive Touch Screen
ƒ Full-size Mini PCIe Expansion Support
ƒ Supports iDoor technology for diverse applications (optional accessory
required)
ƒ Compact Fanless Embedded System with Al Alloy Front Bezel, Chassis
Grounding Protection
ƒ Supports Advantech SNMP Subagent
ƒ Supports Advantech SusiAccess Remote Device Management Software
17" TFT LED LCD Intel® Atom™
Thin Client Terminals
Introduction
The TPC-1751T thin client terminal with a 17" SXGA LCD, low power embedded Intel® Atom™ E3827 1.75 GHz Processor and 4GB DDR3L SDRAM provides computing performance
in a compact fanless system. To enhance its durability, the TPC-1751T is true-flat touch screen designed with IP66 front protection, die-cast Al Alloy front bezel and 5-wire resistive
touch. It supports wide operating temperatures -20~60°C and includes full size mini-PCIe slot to extend the functionality and meet a variety of automation applications needs. Through
the Mini-PCIe slot, Advantech iDoor technology (optional) can provide more I/O connectors, Isolated Digital IO, the Fieldbus Protocol, 3G/GPS/GPRS/Wi-Fi Communication and
Battery-backup MRAM.
Rear View
A. External HDD/iDoor kit
(TPC-1251T-EHKE) (Optional)
B. CFast
C.RS-232
D.RS-232/422/485
E. USB 3.0 & 2.0
F. LAN (10/100/1000)
G. Power Receptor
A
B
C
E
D
F
NEW
G
Date updated: 27-Aug-2015
All product specifications are subject to change without notice


유사한 부품 번호 - TPC-1751H-E3AE

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
TPC-1751T ADVANTECH-TPC-1751T Datasheet
504Kb / 2P
   17" SXGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
12-Jul-2022
TPC-1751T-E3BE ADVANTECH-TPC-1751T-E3BE Datasheet
504Kb / 2P
   17" SXGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
12-Jul-2022
TPC-1751T-E3BU ADVANTECH-TPC-1751T-E3BU Datasheet
504Kb / 2P
   17" SXGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
12-Jul-2022
TPC-1751T-E3CE ADVANTECH-TPC-1751T-E3CE Datasheet
504Kb / 2P
   17" SXGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
12-Jul-2022
TPC-1751T-E3CU ADVANTECH-TPC-1751T-E3CU Datasheet
504Kb / 2P
   17" SXGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
12-Jul-2022
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com