전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVC16245 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74AVC16245
상세설명  16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC16245 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74AVC16245_15 Datasheet HTML 4Page - NXP Semiconductors 74AVC16245_15 Datasheet HTML 5Page - NXP Semiconductors 74AVC16245_15 Datasheet HTML 6Page - NXP Semiconductors 74AVC16245_15 Datasheet HTML 7Page - NXP Semiconductors 74AVC16245_15 Datasheet HTML 8Page - NXP Semiconductors 74AVC16245_15 Datasheet HTML 9Page - NXP Semiconductors 74AVC16245_15 Datasheet HTML 10Page - NXP Semiconductors 74AVC16245_15 Datasheet HTML 11Page - NXP Semiconductors 74AVC16245_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
74AVC16245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 31 January 2013
8 of 15
NXP Semiconductors
74AVC16245
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
10. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[2]
Typical values are measured at Tamb =25 C and VCC = 1.2 V, 1.5 V, 1.8 V, 2.5 V and 3.3 V respectively.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
(C
L  VCC
2
 f
o) = sum of the outputs.
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 8.
Symbol
Parameter
Conditions
40 C to +85 C
Unit
Min
Typ[2]
Max
tpd
propagation delay
nAn to nBn; nBn to nAn; see Figure 6
[1]
VCC = 1.2 V
-
2.8
-
ns
VCC = 1.4 V to 1.6 V
-
1.8
-
ns
VCC = 1.65 V to 1.95 V
0.7
1.8
3.0
ns
VCC = 2.3 V to 2.7 V
0.6
1.3
1.9
ns
VCC = 3.0 V to 3.6 V
0.5
1.1
1.7
ns
ten
enable time
nOE to nAn, nBn; see Figure 7
[1]
VCC = 1.2 V
-
5.9
-
ns
VCC = 1.4 V to 1.6 V
-
3.9
-
ns
VCC = 1.65 V to 1.95 V
1.4
3.3
6.5
ns
VCC = 2.3 V to 2.7 V
1.0
2.4
4.5
ns
VCC = 3.0 V to 3.6 V
0.7
2.0
3.7
ns
tdis
disable time
nOE to nAn, nBn; see Figure 7
[1]
VCC = 1.2 V
-
6.9
-
ns
VCC = 1.4 V to 1.6 V
-
4.8
-
ns
VCC = 1.65 V to 1.95 V
2.2
3.7
6.0
ns
VCC = 2.3 V to 2.7 V
1.1
2.0
4.2
ns
VCC = 3.0 V to 3.6 V
1.2
2.2
3.7
ns
CPD
power dissipation
capacitance
per input; VI =GND to VCC
[3]
outputs enabled
-
42
-
pF
outputs disabled
-
2
-
pF


유사한 부품 번호 - 74AVC16245_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant 3-state
logo
NXP Semiconductors
74AVC16245DGG PHILIPS-74AVC16245DGG Datasheet
87Kb / 16P
   16-bit transceiver with direction pin; 3-state 3.6 V tolerant
1999 Nov 15
74AVC16245DGG PHILIPS-74AVC16245DGG Datasheet
88Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVC16245DGG NEXPERIA-74AVC16245DGG Datasheet
740Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 31 January 2013
74AVC16245DGG-Q100 NEXPERIA-74AVC16245DGG-Q100 Datasheet
760Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant 3-state
More results

유사한 설명 - 74AVC16245_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AVCH16245 NEXPERIA-74AVCH16245 Datasheet
745Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 8 January 2013
logo
NXP Semiconductors
74AVCH16245 PHILIPS-74AVCH16245_15 Datasheet
137Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-8 January 2013
74AVCH16245 PHILIPS-74AVCH16245 Datasheet
88Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant 3-state
74AVC16245 NEXPERIA-74AVC16245 Datasheet
740Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 31 January 2013
logo
NXP Semiconductors
74AVC16245 PHILIPS-74AVC16245 Datasheet
87Kb / 16P
   16-bit transceiver with direction pin; 3-state 3.6 V tolerant
1999 Nov 15
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com