전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVCH4T245 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 74AVCH4T245
상세설명  4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVCH4T245 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button 74AVCH4T245_15 Datasheet HTML 7Page - NXP Semiconductors 74AVCH4T245_15 Datasheet HTML 8Page - NXP Semiconductors 74AVCH4T245_15 Datasheet HTML 9Page - NXP Semiconductors 74AVCH4T245_15 Datasheet HTML 10Page - NXP Semiconductors 74AVCH4T245_15 Datasheet HTML 11Page - NXP Semiconductors 74AVCH4T245_15 Datasheet HTML 12Page - NXP Semiconductors 74AVCH4T245_15 Datasheet HTML 13Page - NXP Semiconductors 74AVCH4T245_15 Datasheet HTML 14Page - NXP Semiconductors 74AVCH4T245_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
74AVCH4T245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 14 December 2011
11 of 29
NXP Semiconductors
74AVCH4T245
4-bit dual supply translating transceiver; 3-state
[1]
VCCO is the supply voltage associated with the output port.
[2]
VCCI is the supply voltage associated with the data input port.
[3]
The bus hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VI to GND
and then raising it to VIL max.
[4]
The bus hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VI to VCC
and then lowering it to VIH min.
[5]
An external driver must source at least IBHLO to switch this node from LOW to HIGH.
[6]
An external driver must sink at least IBHHO to switch this node from HIGH to LOW.
[7]
For I/O ports, the parameter IOZ includes the input leakage current.
ICC
supply
current
A port; VI = 0 V or VCCI; IO = 0 A
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-10
-
55
A
VCC(A) = 1.1 V to 3.6 V;
VCC(B) = 1.1 V to 3.6 V
-8
-
50
A
VCC(A) = 3.6 V; VCC(B) = 0 V
-
8
-
50
A
VCC(A) = 0 V; VCC(B) = 3.6 V
2-
12
-
A
B port; VI = 0 V or VCCI; IO = 0 A
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-10
-
55
A
VCC(A) = 1.1 V to 3.6 V;
VCC(B) = 1.1 V to 3.6 V
-8
-
50
A
VCC(A) = 3.6 V; VCC(B) = 0 V
2-
12
-
A
VCC(A) = 0 V; VCC(B) = 3.6 V
-
8
-
50
A
A plus B port (ICC(A) + ICC(B));
IO =0A; VI =0 V or VCCI;
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-20
-
70
A
A plus B port (ICC(A) + ICC(B));
IO =0A; VI =0 V or VCCI;
VCC(A) = 1.1 V to 3.6 V;
VCC(B) = 1.1 V to 3.6 V
-16
-
65
A
Table 8.
Static characteristics …continued[1][2]
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Max
Min
Max
Table 9.
Typical total supply current (ICC(A) + ICC(B))
VCC(A)
VCC(B)
Unit
0 V
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
0 V
0
0.1
0.1
0.1
0.1
0.1
0.1
A
0.8 V
0.1
0.1
0.1
0.1
0.1
0.3
1.6
A
1.2 V
0.1
0.1
0.1
0.1
0.1
0.1
0.8
A
1.5 V
0.1
0.1
0.1
0.1
0.1
0.1
0.4
A
1.8 V
0.1
0.1
0.1
0.1
0.1
0.1
0.2
A
2.5 V
0.1
0.3
0.1
0.1
0.1
0.1
0.1
A
3.3 V
0.1
1.6
0.8
0.4
0.2
0.1
0.1
A


유사한 부품 번호 - 74AVCH4T245_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AVCH4T245-Q100 NEXPERIA-74AVCH4T245-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVCH4T245BQ NXP-74AVCH4T245BQ Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
logo
Nexperia B.V. All right...
74AVCH4T245BQ NEXPERIA-74AVCH4T245BQ Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
74AVCH4T245BQ-Q100 NEXPERIA-74AVCH4T245BQ-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVCH4T245D NXP-74AVCH4T245D Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
More results

유사한 설명 - 74AVCH4T245_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
logo
Nexperia B.V. All right...
74AVC4T245-Q100 NEXPERIA-74AVC4T245-Q100 Datasheet
350Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4TD245 NEXPERIA-74AVC4TD245 Datasheet
280Kb / 24P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3 - 9 June 2017
74AVCH4T245 NEXPERIA-74AVCH4T245 Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
logo
NXP Semiconductors
74AVC4T245 NXP-74AVC4T245 Datasheet
142Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-20 July 2009
logo
Nexperia B.V. All right...
74AVCH4T245-Q100 NEXPERIA-74AVCH4T245-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC4TD245 PHILIPS-74AVC4TD245_15 Datasheet
563Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 2-9 December 2011
logo
Nexperia B.V. All right...
74AVC4TD245PW NEXPERIA-74AVC4TD245PW Datasheet
263Kb / 23P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4T245 NEXPERIA-74AVC4T245 Datasheet
377Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com