전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVCH16244 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 74AVCH16244
상세설명  16-bit buffer/line driver; 3.6 V tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVCH16244 데이터시트(HTML) 1 Page - NXP Semiconductors

  74AVCH16244_15 Datasheet HTML 1Page - NXP Semiconductors 74AVCH16244_15 Datasheet HTML 2Page - NXP Semiconductors 74AVCH16244_15 Datasheet HTML 3Page - NXP Semiconductors 74AVCH16244_15 Datasheet HTML 4Page - NXP Semiconductors 74AVCH16244_15 Datasheet HTML 5Page - NXP Semiconductors 74AVCH16244_15 Datasheet HTML 6Page - NXP Semiconductors 74AVCH16244_15 Datasheet HTML 7Page - NXP Semiconductors 74AVCH16244_15 Datasheet HTML 8Page - NXP Semiconductors 74AVCH16244_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
Product Specification
File under Integrated Circuits, IC24
2000 Mar 07
INTEGRATED CIRCUITS
74AVCH16244
16-bit buffer/line driver;
3.6 V tolerant; 3-state


유사한 부품 번호 - 74AVCH16244_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AVCH16244DGG PHILIPS-74AVCH16244DGG Datasheet
80Kb / 16P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVCH16244DGG NEXPERIA-74AVCH16244DGG Datasheet
220Kb / 14P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 2 - 20 February 2018
More results

유사한 설명 - 74AVCH16244_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AVC16244 PHILIPS-74AVC16244_15 Datasheet
93Kb / 16P
   16-bit buffer/line driver; 3-state (3.6 V tolerant)
1999 Nov 15
74AVC16244 PHILIPS-74AVC16244 Datasheet
79Kb / 16P
   16-bit buffer/line driver; 3-state 3.6 V tolerant
1999 Nov 15
logo
Nexperia B.V. All right...
74AVCH16244 NEXPERIA-74AVCH16244 Datasheet
220Kb / 14P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 2 - 20 February 2018
logo
NXP Semiconductors
74AVCH16244 PHILIPS-74AVCH16244 Datasheet
80Kb / 16P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVC16244 NEXPERIA-74AVC16244 Datasheet
217Kb / 15P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
logo
NXP Semiconductors
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com