전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AXP1G06 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74AXP1G06
상세설명  Low-power inverter with open-drain output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AXP1G06 데이터시트(HTML) 4 Page - NXP Semiconductors

  74AXP1G06_15 Datasheet HTML 1Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 2Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 3Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 4Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 5Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 6Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 7Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 8Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74AXP1G06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 15 January 2014
4 of 17
NXP Semiconductors
74AXP1G06
Low-power inverter with open-drain output
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
9.
Recommended operating conditions
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+3.3
V
IIK
input clamping current
VI <0V
50
-
mA
VI
input voltage
[1]
0.5
+3.3
V
IOK
output clamping current
VO <0V
50
-
mA
VO
output voltage
[1]
0.5
+3.3
V
IO
output current
VO =0 VtoVCC
-
20
mA
ICC
supply current
-
50
mA
IGND
ground current
50
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +85 C-
250
mW
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.7
2.75
V
VI
input voltage
0
2.75
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC = 0 V
0
2.75
V
Tamb
ambient temperature
40
+85
C
t/V
input transition rise and fall rate
VCC = 0.7 V to 2.75 V
0
200
ns/V


유사한 부품 번호 - 74AXP1G06_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AXP1G06GM NEXPERIA-74AXP1G06GM Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AXP1G06GN NEXPERIA-74AXP1G06GN Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AXP1G06GS NEXPERIA-74AXP1G06GS Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AXP1G06GX NEXPERIA-74AXP1G06GX Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
More results

유사한 설명 - 74AXP1G06_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
   Low-power inverter with open-drain output
Rev. 04-10 June 2009
logo
Nexperia B.V. All right...
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
   Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06 Datasheet
78Kb / 15P
   Low-power inverter with open-drain output
Rev. 02-24 August 2006
logo
Nexperia B.V. All right...
74AXP1G06 NEXPERIA-74AXP1G06 Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
   Low-power inverter with open-drain output
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06_15 Datasheet
343Kb / 19P
   Low-power inverter with open-drain output
Rev. 7-28 June 2012
74AUP2G06 NXP-74AUP2G06 Datasheet
125Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 4-6 December 2011
74AUP2G06 PHILIPS-74AUP2G06_15 Datasheet
198Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 5-29 November 2012
logo
Nexperia B.V. All right...
74AUP2G06 NEXPERIA-74AUP2G06 Datasheet
247Kb / 15P
   Low-power dual inverter with open-drain output
Rev. 8 - 31 January 2022
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com