전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74CBTLV3257 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74CBTLV3257
상세설명  Quad 1-of-2 multiplexer/demultiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLV3257 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74CBTLV3257_15 Datasheet HTML 4Page - NXP Semiconductors 74CBTLV3257_15 Datasheet HTML 5Page - NXP Semiconductors 74CBTLV3257_15 Datasheet HTML 6Page - NXP Semiconductors 74CBTLV3257_15 Datasheet HTML 7Page - NXP Semiconductors 74CBTLV3257_15 Datasheet HTML 8Page - NXP Semiconductors 74CBTLV3257_15 Datasheet HTML 9Page - NXP Semiconductors 74CBTLV3257_15 Datasheet HTML 10Page - NXP Semiconductors 74CBTLV3257_15 Datasheet HTML 11Page - NXP Semiconductors 74CBTLV3257_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
74CBTLV3257
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 16 December 2011
8 of 19
NXP Semiconductors
74CBTLV3257
Quad 1-of-2 multiplexer/demultiplexer
(1) Tamb = 125 C.
(2) Tamb = 85 C.
(3) Tamb = 25 C.
(4) Tamb = 40 C.
Fig 13. ON resistance as a function of input voltage; VCC = 3.3 V; ISW = 64 mA
VI (V)
04
3
12
001aai107
4.5
3.5
5.5
6.5
7.5
RON
(
Ω)
2.5
(1)
(4)
(2)
(3)


유사한 부품 번호 - 74CBTLV3257_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74CBTLV3257-Q100 NEXPERIA-74CBTLV3257-Q100 Datasheet
298Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
logo
NXP Semiconductors
74CBTLV3257BQ NXP-74CBTLV3257BQ Datasheet
479Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74CBTLV3257BQ NEXPERIA-74CBTLV3257BQ Datasheet
359Kb / 21P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 8 - 21 March 2023
74CBTLV3257BQ-Q100 NEXPERIA-74CBTLV3257BQ-Q100 Datasheet
298Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
74CBTLV3257D NEXPERIA-74CBTLV3257D Datasheet
359Kb / 21P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 8 - 21 March 2023
More results

유사한 설명 - 74CBTLV3257_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
CBT3257A PHILIPS-CBT3257A Datasheet
92Kb / 16P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 01-27 October 2005
logo
Nexperia B.V. All right...
CBT3257A NEXPERIA-CBT3257A Datasheet
256Kb / 13P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
logo
Toshiba Semiconductor
TC7MB3257FT TOSHIBA-TC7MB3257FT Datasheet
127Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74CBTLV3257-Q100 NEXPERIA-74CBTLV3257-Q100 Datasheet
298Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
CBT3257 PHILIPS-CBT3257 Datasheet
102Kb / 11P
   Quad 1-of-2 multiplexer/demultiplexer
2002 Dec 13
logo
Toshiba Semiconductor
TC7MB3257FK TOSHIBA-TC7MB3257FK_07 Datasheet
169Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com