전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74CBTLVD3245 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74CBTLVD3245
상세설명  8-bit level-shifting bus switch with output enable
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLVD3245 데이터시트(HTML) 4 Page - NXP Semiconductors

  74CBTLVD3245_15 Datasheet HTML 1Page - NXP Semiconductors 74CBTLVD3245_15 Datasheet HTML 2Page - NXP Semiconductors 74CBTLVD3245_15 Datasheet HTML 3Page - NXP Semiconductors 74CBTLVD3245_15 Datasheet HTML 4Page - NXP Semiconductors 74CBTLVD3245_15 Datasheet HTML 5Page - NXP Semiconductors 74CBTLVD3245_15 Datasheet HTML 6Page - NXP Semiconductors 74CBTLVD3245_15 Datasheet HTML 7Page - NXP Semiconductors 74CBTLVD3245_15 Datasheet HTML 8Page - NXP Semiconductors 74CBTLVD3245_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
74CBTLVD3245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 16 December 2011
4 of 19
NXP Semiconductors
74CBTLVD3245
8-bit level-shifting bus switch with output enable
7.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SSOP20 and TSSOP20 packages: above 60
C the value of P
tot derates linearly at 5.5 mW/K.
For DHVQFN20 packages: above 60
C the value of P
tot derates linearly at 4.5 mW/K.
8.
Recommended operating conditions
[1]
Applies to control signal levels.
9.
Static characteristics
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+4.6
V
VI
input voltage
[1]
0.5
+4.6
V
VSW
switch voltage
enable and disable mode
[1]
0.5
VCC + 0.5
V
IIK
input clamping current
VI/O < 0.5 V
50
-
mA
ISK
switch clamping current
VI < 0.5 V
50
-
mA
ISW
switch current
VSW = 0 V to VCC
-
128
mA
ICC
supply current
-
+100
mA
IGND
ground current
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 Cto+125 C
[2] -
500
mW
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
3.0
3.6
V
VI
input voltage
0
3.6
V
VSW
switch voltage
enable and disable mode
0
VCC
V
Tamb
ambient temperature
40
+125
C
t/V
input transition rise and fall rate
VCC = 3.0 V to 3.6 V
[1] 0
200
ns/V
Table 6.
Static characteristics
At recommended operating conditions voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Tamb = 40 C to +85 C Tamb = 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 3.0 V to 3.6 V
2.0
-
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 3.0 V to 3.6 V
-
-
0.9
-
0.9
V
II
input leakage
current
pin OE; VI = GND to VCC;
VCC =3.6 V
--
1-
20
A
Vpass
pass voltage
VI = VCC; see Figure 8 to
Figure 12
--
-
-
-
V


유사한 부품 번호 - 74CBTLVD3245_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74CBTLVD3245-Q100 NEXPERIA-74CBTLVD3245-Q100 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
74CBTLVD3245BQ NEXPERIA-74CBTLVD3245BQ Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
74CBTLVD3245BQ-Q100 NEXPERIA-74CBTLVD3245BQ-Q100 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
74CBTLVD3245PW NEXPERIA-74CBTLVD3245PW Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
74CBTLVD3245PW-Q100 NEXPERIA-74CBTLVD3245PW-Q100 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
More results

유사한 설명 - 74CBTLVD3245_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74CBTLVD3245-Q100 NEXPERIA-74CBTLVD3245-Q100 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
74CBTLVD3245 NEXPERIA-74CBTLVD3245 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
logo
NXP Semiconductors
CBTD3861 NXP-CBTD3861 Datasheet
342Kb / 16P
   10-bit level shifting bus switch with output enable
Rev. 1-19 August 2010
74CBTLVD3861 PHILIPS-74CBTLVD3861_15 Datasheet
142Kb / 19P
   10-bit level-shifting bus switch with output enable
Rev. 4-14 December 2011
logo
Nexperia B.V. All right...
CBTD3861 NEXPERIA-CBTD3861 Datasheet
218Kb / 12P
   10-bit level shifting bus switch with output enable
Rev. 3 - 6 March 2019
74CBTLVD3861 NEXPERIA-74CBTLVD3861 Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with output enable
Rev. 5 - 18 April 2019
logo
NXP Semiconductors
74CBTLVD3244 PHILIPS-74CBTLVD3244_15 Datasheet
433Kb / 20P
   8-bit level-shifting bus switch with 4-bit output enables
Rev. 2-16 December 2011
logo
Nexperia B.V. All right...
74CBTLVD3244 NEXPERIA-74CBTLVD3244 Datasheet
237Kb / 14P
   8-bit level-shifting bus switch with 4-bit output enables
logo
NXP Semiconductors
74CBTLV3245 PHILIPS-74CBTLV3245_15 Datasheet
163Kb / 18P
   8-bit bus switch with output enable
Rev. 2-15 December 2011
logo
Nexperia B.V. All right...
74CBTLV3245 NEXPERIA-74CBTLV3245 Datasheet
267Kb / 15P
   8-bit bus switch with output enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com