전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74CBTLVD3861 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 74CBTLVD3861
상세설명  10-bit level-shifting bus switch with output enable
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLVD3861 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button 74CBTLVD3861_15 Datasheet HTML 7Page - NXP Semiconductors 74CBTLVD3861_15 Datasheet HTML 8Page - NXP Semiconductors 74CBTLVD3861_15 Datasheet HTML 9Page - NXP Semiconductors 74CBTLVD3861_15 Datasheet HTML 10Page - NXP Semiconductors 74CBTLVD3861_15 Datasheet HTML 11Page - NXP Semiconductors 74CBTLVD3861_15 Datasheet HTML 12Page - NXP Semiconductors 74CBTLVD3861_15 Datasheet HTML 13Page - NXP Semiconductors 74CBTLVD3861_15 Datasheet HTML 14Page - NXP Semiconductors 74CBTLVD3861_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
74CBTLVD3861
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 14 December 2011
11 of 19
NXP Semiconductors
74CBTLVD3861
10-bit level-shifting bus switch with output enable
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 16. Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aae331
VEXT
VCC
VI
VO
DUT
CL
RT
RL
RL
G
Table 10.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
3.0 V to 3.6 V
30 pF
1 k
open
GND
3.6 V


유사한 부품 번호 - 74CBTLVD3861_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74CBTLVD3861BQ NXP-74CBTLVD3861BQ Datasheet
142Kb / 19P
   10-bit level-shifting bus switch with output enable Rev. 4 ??14 December 2011
Rev. 4-14 December 2011
logo
Nexperia B.V. All right...
74CBTLVD3861BQ NEXPERIA-74CBTLVD3861BQ Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with output enable
Rev. 5 - 18 April 2019
logo
NXP Semiconductors
74CBTLVD3861DK NXP-74CBTLVD3861DK Datasheet
142Kb / 19P
   10-bit level-shifting bus switch with output enable Rev. 4 ??14 December 2011
Rev. 4-14 December 2011
74CBTLVD3861PW NXP-74CBTLVD3861PW Datasheet
142Kb / 19P
   10-bit level-shifting bus switch with output enable Rev. 4 ??14 December 2011
Rev. 4-14 December 2011
logo
Nexperia B.V. All right...
74CBTLVD3861PW NEXPERIA-74CBTLVD3861PW Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with output enable
Rev. 5 - 18 April 2019
More results

유사한 설명 - 74CBTLVD3861_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
CBTD3861 NXP-CBTD3861 Datasheet
342Kb / 16P
   10-bit level shifting bus switch with output enable
Rev. 1-19 August 2010
logo
Nexperia B.V. All right...
CBTD3861 NEXPERIA-CBTD3861 Datasheet
218Kb / 12P
   10-bit level shifting bus switch with output enable
Rev. 3 - 6 March 2019
74CBTLVD3861 NEXPERIA-74CBTLVD3861 Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with output enable
Rev. 5 - 18 April 2019
logo
NXP Semiconductors
74CBTLVD3245 PHILIPS-74CBTLVD3245_15 Datasheet
415Kb / 19P
   8-bit level-shifting bus switch with output enable
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
74CBTLVD3245-Q100 NEXPERIA-74CBTLVD3245-Q100 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
74CBTLVD3245 NEXPERIA-74CBTLVD3245 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
logo
NXP Semiconductors
74CBTLVD3861BQ NXP-74CBTLVD3861BQ Datasheet
142Kb / 19P
   10-bit level-shifting bus switch with output enable Rev. 4 ??14 December 2011
Rev. 4-14 December 2011
logo
Nexperia B.V. All right...
74CBTLVD3384 NEXPERIA-74CBTLVD3384 Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with 5-bit output enables
logo
NXP Semiconductors
74CBTLVD3384 PHILIPS-74CBTLVD3384_15 Datasheet
255Kb / 20P
   10-bit level-shifting bus switch with 5-bit output enables
Rev. 2-16 December 2011
CBTD16210 PHILIPS-CBTD16210_15 Datasheet
89Kb / 10P
   20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com