전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVC8T245 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74AVC8T245
상세설명  8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC8T245 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74AVC8T245_15 Datasheet HTML 4Page - NXP Semiconductors 74AVC8T245_15 Datasheet HTML 5Page - NXP Semiconductors 74AVC8T245_15 Datasheet HTML 6Page - NXP Semiconductors 74AVC8T245_15 Datasheet HTML 7Page - NXP Semiconductors 74AVC8T245_15 Datasheet HTML 8Page - NXP Semiconductors 74AVC8T245_15 Datasheet HTML 9Page - NXP Semiconductors 74AVC8T245_15 Datasheet HTML 10Page - NXP Semiconductors 74AVC8T245_15 Datasheet HTML 11Page - NXP Semiconductors 74AVC8T245_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
74AVC8T245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 27 December 2012
8 of 24
NXP Semiconductors
74AVC8T245
8-bit dual supply translating transceiver; 3-state
[1]
VCCO is the supply voltage associated with the output port.
[2]
VCCI is the supply voltage associated with the data input port.
[3]
For I/O ports, the parameter IOZ includes the input leakage current.
ICC
supply current
A port; VI = 0 V or VCCI; IO = 0 A
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-10
-
55
A
VCC(A) = 1.1 V to 3.6 V;
VCC(B) = 1.1 V to 3.6 V
-8
-
50
A
VCC(A) = 3.6 V; VCC(B) = 0 V
-
8
-
50
A
VCC(A) = 0 V; VCC(B) = 3.6 V
2-
12
-
A
B port; VI = 0 V or VCCI; IO = 0 A
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-10
-
55
A
VCC(A) = 1.1 V to 3.6 V;
VCC(B) = 1.1 V to 3.6 V
-8
-
50
A
VCC(A) = 3.6 V; VCC(B) = 0 V
2-
12
-
A
VCC(A) = 0 V; VCC(B) = 3.6 V
-
8
-
50
A
A plus B port (ICC(A) + ICC(B));
IO =0A; VI =0 V or VCCI;
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-20
-
70
A
A plus B port (ICC(A) + ICC(B));
IO =0A; VI =0 V or VCCI;
VCC(A) = 1.1 V to 3.6 V;
VCC(B) = 1.1 V to 3.6 V
-16
-
65
A
Table 7.
Static characteristics …continued[1][2]
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Max
Min
Max
Table 8.
Typical total supply current (ICC(A) + ICC(B))
VCC(A)
VCC(B)
Unit
0 V
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
0 V
0
0.1
0.1
0.1
0.1
0.1
0.1
A
0.8 V
0.1
0.1
0.1
0.1
0.1
0.3
1.6
A
1.2 V
0.1
0.1
0.1
0.1
0.1
0.1
0.8
A
1.5 V
0.1
0.1
0.1
0.1
0.1
0.1
0.4
A
1.8 V
0.1
0.1
0.1
0.1
0.1
0.1
0.2
A
2.5 V
0.1
0.3
0.1
0.1
0.1
0.1
0.1
A
3.3 V
0.1
1.6
0.8
0.4
0.2
0.1
0.1
A


유사한 부품 번호 - 74AVC8T245_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AVC8T245-Q100 NEXPERIA-74AVC8T245-Q100 Datasheet
763Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC8T245BQ NXP-74AVC8T245BQ Datasheet
133Kb / 23P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
logo
Nexperia B.V. All right...
74AVC8T245BQ NEXPERIA-74AVC8T245BQ Datasheet
337Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
74AVC8T245BQ-Q100 NEXPERIA-74AVC8T245BQ-Q100 Datasheet
763Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC8T245BZ NEXPERIA-74AVC8T245BZ Datasheet
337Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
More results

유사한 설명 - 74AVC8T245_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AVCH8T245 PHILIPS-74AVCH8T245_15 Datasheet
168Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
74AVC8T245 NXP-74AVC8T245 Datasheet
133Kb / 23P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
logo
Nexperia B.V. All right...
74AVCH8T245 NEXPERIA-74AVCH8T245 Datasheet
786Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 27 December 2012
logo
NXP Semiconductors
74AVCH8T245 NXP-74AVCH8T245 Datasheet
140Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
logo
Nexperia B.V. All right...
74AVC8T245 NEXPERIA-74AVC8T245 Datasheet
337Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
74AVC8T245-Q100 NEXPERIA-74AVC8T245-Q100 Datasheet
763Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
logo
Nexperia B.V. All right...
74AVCH16T245 NEXPERIA-74AVCH16T245 Datasheet
301Kb / 21P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC32T245 NEXPERIA-74AVC32T245 Datasheet
793Kb / 24P
   32-bit dual supply translating transceiver with configurable voltage translation 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com