전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX232EPE 데이터시트(PDF) 27 Page - Maxim Integrated Products

부품명 MAX232EPE
상세설명  5V-Powered, Multichannel RS-232 Drivers/Receivers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX232EPE 데이터시트(HTML) 27 Page - Maxim Integrated Products

Back Button MAX232EPE Datasheet HTML 23Page - Maxim Integrated Products MAX232EPE Datasheet HTML 24Page - Maxim Integrated Products MAX232EPE Datasheet HTML 25Page - Maxim Integrated Products MAX232EPE Datasheet HTML 26Page - Maxim Integrated Products MAX232EPE Datasheet HTML 27Page - Maxim Integrated Products MAX232EPE Datasheet HTML 28Page - Maxim Integrated Products MAX232EPE Datasheet HTML 29Page - Maxim Integrated Products MAX232EPE Datasheet HTML 30Page - Maxim Integrated Products MAX232EPE Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
______________________________________________________________________________________
27
GND
18
4
R3OUT
40
R4OUT
R3IN
R4IN
5k
5k
13
10
R2OUT
R2IN
5k
RS-232
INPUTS
TTL/CMOS
OUTPUTS
RS-232
OUTPUTS
TTL/CMOS
INPUTS
R2
16
17
R1OUT
R1IN
5k
R1
R3
R4
36
35
R5OUT
R5IN
5k
R5
7
15 T1IN
T1OUT
+5V
400k
+5V
14
8
T2IN
T2OUT
T2
400k
37
T3OUT 6
T3IN
+5V
T3
400k
C1+
C1-
1.0
µF
25
VCC
+5V INPUT
19
30
1.0
µF
26
1.0
µF
+5V TO +10V
VOLTAGE DOUBLER
3
1.0
µF
T1
+5V
2
41
T5IN
T5OUT
T5
400k
5
38 T4IN
T4OUT
+5V
400k
T4
27
C2+
C2-
28
1.0
µF
29
+5V TO -10V
VOLTAGE INVERTER
V+
39
EN
42
43
Plastic FP
MAX240
SHDN
EN
T5OUT
R4IN
R4OUT
R5OUT
R5IN
N.C.
N.C.
T3IN
T4IN
R2OUT
T2IN
T1IN
R1OUT
R1IN
N.C.
N.C.
N.C.
N.C.
VCC
GND
34
35
36
37
38
39
40
41
42
43
44
22
21
20
19
18
17
16
15
14
13
12
SHDN
TOP VIEW
V-
Figure 18. MAX240 Pin Configuration and Typical Operating Circuit


유사한 부품 번호 - MAX232EPE

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX232EPE MAXIM-MAX232EPE Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232EPE++ MAXIM-MAX232EPE+ Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results

유사한 설명 - MAX232EPE

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
MAX220 MAXIM-MAX220_10 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
MAX232CSE-T MAXIM-MAX232CSE-T Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232AESE-T MAXIM-MAX232AESE-T Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232-ACWE MAXIM-MAX232-ACWE Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX249CQHTD MAXIM-MAX249CQHTD Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX250 MAXIM-MAX250_14 Datasheet
8Mb / 13P
   5V Powered Isolates RS-232 Drivers/Receivers
Rev 1; 7/89
MAX250 MAXIM-MAX250 Datasheet
416Kb / 12P
   5V Powered Isolated RS-232 Drivers/Receivers
19-2002; Rev 0; 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com