전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC-8100TR-N3AE 데이터시트(PDF) 1 Page - Advantech Co., Ltd.

부품명 TPC-8100TR-N3AE
상세설명  10.4" EN50155 Railway Panel Computer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-8100TR-N3AE 데이터시트(HTML) 1 Page - Advantech Co., Ltd.

  TPC-8100TR-N3AE Datasheet HTML 1Page - Advantech Co., Ltd. TPC-8100TR-N3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automation Panels
Features
TPC-8100TR
Specifications
General
ƒ
Certification
CE,FCC,CCC,EN50155 Compliance
ƒ
Cooling System
Fanless design
ƒ
Dimensions (W x H x D) 345x227x85mm (13.58" x 8.94' x 3.35")
ƒ
Enclosure
Front bezel: Die-cast Aluminium alloy
Back housing: Die-cast Aluminium alloy
ƒ
Mounting
Panel Mount / VESA Mount
ƒ
OS Support
WES 7 & 8/ WES 2009 / Windows CE 7.0 / Linux
ƒ
Power Consumption
35 W Typical
ƒ
Power Input
110 VDC, 96 VDC, 72 VDC,
48 VDC (option), 37.5 VDC (option),
24 VDC (option)
ƒ
Weight (Net)
5 kg (11 lbs)
System Hardware
ƒ
CPU
Intel Cedar Trail Dual core processor 1.6G
ƒ
Chipset
Intel Atom N2600
ƒ
Memory
4GB SO-DIMM DDR3 SDRAM
ƒ
Storage
Built in 64G CFast card
ƒ
I/O
2 x RS-232 (connection: M12 A-code, 8-pin male)
2 x422/485 (with isolation, connection: M12 A-code,
8-pin male)
2 x USB2.0 (connection: M12 A-code, 8-pin female)
2 x 100/1000 Base (connection: M12 A-code, 8-pin
female)
1x Audio (with Internal Buzzer,Line out, connection:
M12 A-code, 8-pin male)
1x Power connector (connection: M12 A-code, 5-pin
male)
1xSMA connector for Wi-Fi
1xSMA connector for GPS
LCD Display
ƒ
Display Type
XGA TFT LED LCD
ƒ
Display Size
10.4"
ƒ
Max. Resolution
1024x768
ƒ
Max. Colors
16.2 M
ƒ
Luminance cd/m2
350
ƒ
Viewing Angle (H/V°)
176/176
ƒ
Backlight Life
30,000 hrs
ƒ
Contrast Ratio
1200:1
ƒ
Environment
Humidity
10 ~ 95% RH @ 40°C, non-condensing
ƒ
Ingress Protection
All around IP65
ƒ
Operating Temperature -30 ~ 70°C (-22 ~ 158°F)
ƒ
Storage Temperature
-30 ~ 70°C (-22 ~ 158°F)
ƒ
Vibration Protection
IEC 61373 Railway– Shock and Vibration
ƒ 10.4" XGA 1024x768 with 350 nits LED LCD display
ƒ Fanless with Dual core 1.6 GHz processor
ƒ 5H Hardness resistive touch
ƒ Alternative keypad control in front bezel
ƒ Mother board / Daughter board with coating for weather proof
ƒ All around IP65 with waterproof M12 connector
ƒ Optical bonding for weather proofing
ƒ Ruggedized enclosure with Die-cast Aluminium alloy
ƒ Wide operating temperature: -30 ~ 70°C
ƒ EN50155 & EN45545 Compliance for railway application
10.4" EN50155 Railway Panel Computer
Introduction
Advantech's HMI TPC-8100TR for transportation is used to keep the train driver informed about status of the train's functions. Its design allows it to be deployed in environments
with an extended temperature range ( –30 to +70°C) and it also complies with the EMC, shock and vibration test requirements of European standard EN50155 and EN45545 for
railway applications.
The TPC-8100TR 10,4" TFT display has a ruggedized touch panel and optical bonding for weather-proofing. All round IP65 and M12 connectors are the perfect choice for Human
Machine Interfaces (HMI) in railway environments. The internal boards all have Conformal Coating protection for anti-moisture protection. The TPC-8100TR includes a comprehensive
feature set with two Ethernet ports, serial interfaces, USB ports, built-in CFast devices.
Railway power module design support 10 ms interruption (EN50155, S2) , EMI EN55022 CLASS A filter, Over/Short current protection for its railway application.
NEW
All product specifications are subject to change without notice
Last updated : 5-May-2015


유사한 부품 번호 - TPC-8100TR-N3AE

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
TPC-8 COOPER-TPC-8 Datasheet
361Kb / 7P
   Telpower Compact Fused Disconnect Switch
logo
Toppower Electronic Tec...
TPC-800-24S TOPPOWER-TPC-800-24S Datasheet
735Kb / 5P
   792W wide input AC/DC switching power supply
TPC-800-36S TOPPOWER-TPC-800-36S Datasheet
735Kb / 5P
   792W wide input AC/DC switching power supply
TPC-800-48S TOPPOWER-TPC-800-48S Datasheet
735Kb / 5P
   792W wide input AC/DC switching power supply
TPC-800-XS TOPPOWER-TPC-800-XS Datasheet
735Kb / 5P
   792W wide input AC/DC switching power supply
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com