전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC_HCT3G34 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74HC_HCT3G34
상세설명  Triple buffer gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT3G34 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74HC_HCT3G34_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT3G34_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT3G34_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT3G34_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT3G34_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT3G34_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT3G34_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT3G34_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT3G34_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74HC_HCT3G34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 11 December 2013
6 of 14
NXP Semiconductors
74HC3G34; 74HCT3G34
Triple buffer gate
[1]
All typical values are measured at Tamb = 25 C.
[2]
tpd is the same as tPLH and tPHL.
[3]
tt is the same as tTLH and tTHL.
[4]
CPD is used to determine the dynamic power dissipation (PD in W).
PD = CPD  VCC2  fi  N + (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
12. Waveforms
74HCT3G34
tpd
propagation delay nA to nY; see Figure 5
[2]
VCC = 4.5 V
-
10
23
-
29
ns
tt
transition time
nY; VCC = 4.5 V; see Figure 5
[3]
-6
19
-
25
ns
CPD
power dissipation
capacitance
VI =GND to VCC  1.5 V
[4]
-9-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 6.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
Measurement points are given in Table 9.
Fig 5.
Propagation delay data input (nA) to data output (nY) and transition time output (nY)
001aad982
tPLH
tPHL
VM
VM
90 %
10 %
VM
VM
output
nY
input
nA
VI
GND
VOH
VOL
tTLH
tTHL
Table 9.
Measurement points
Type
Input
Output
VM
VM
74HC3G34
0.5
 V
CC
0.5
 V
CC
74HCT3G34
1.3 V
1.3 V


유사한 부품 번호 - 74HC_HCT3G34_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC_HCT3G04 PHILIPS-74HC_HCT3G04_15 Datasheet
181Kb / 14P
   Inverter
Rev. 4-2 October 2013
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
   Triple inverter with open-drain outputs
Rev. 4-19 December 2013
74HC_HCT3G07 PHILIPS-74HC_HCT3G07_15 Datasheet
185Kb / 14P
   Triple buffer with open-drain outputs
Rev. 4-16 December 2013
74HC_HCT3G14 PHILIPS-74HC_HCT3G14_15 Datasheet
220Kb / 21P
   Triple inverting Schmitt trigger
Rev. 5-9 December 2013
More results

유사한 설명 - 74HC_HCT3G34_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC3G34 PHILIPS-74LVC3G34 Datasheet
79Kb / 14P
   Triple buffer gate
Rev. 03-31 January 2005
74HC3G34 NXP-74HC3G34 Datasheet
90Kb / 13P
   Triple buffer gate
Rev. 05-7 May 2009
logo
Unisonic Technologies
U74AHC3G34 UTC-U74AHC3G34 Datasheet
166Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HCT3G34-Q100 NEXPERIA-74HCT3G34-Q100 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 2 - 11 June 2018
74HCT3G34 NEXPERIA-74HCT3G34 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 7 - 11 June 2018
logo
NXP Semiconductors
74HC3G34 PHILIPS-74HC3G34 Datasheet
81Kb / 16P
   Triple Buffer Gate
2003 May 19
logo
Texas Instruments
SN74LVC3G34 TI1-SN74LVC3G34_15 Datasheet
903Kb / 21P
[Old version datasheet]   Triple Buffer Gate
SN74LVC3G34 TI-SN74LVC3G34_07 Datasheet
533Kb / 13P
[Old version datasheet]   TRIPLE BUFFER GATE
logo
Unisonic Technologies
U74HCT3G34 UTC-U74HCT3G34 Datasheet
165Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HC3G34-Q100 NEXPERIA-74HC3G34-Q100 Datasheet
197Kb / 13P
   Triple buffer gate
74HC3G16 NEXPERIA-74HC3G16 Datasheet
184Kb / 9P
   Triple buffer gate
Rev. 3 - 17 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com