전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF5Y1310CM 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF5Y1310CM
상세설명  Avalanche Energy Ratings
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF5Y1310CM 데이터시트(HTML) 1 Page - International Rectifier

  IRF5Y1310CM_15 Datasheet HTML 1Page - International Rectifier IRF5Y1310CM_15 Datasheet HTML 2Page - International Rectifier IRF5Y1310CM_15 Datasheet HTML 3Page - International Rectifier IRF5Y1310CM_15 Datasheet HTML 4Page - International Rectifier IRF5Y1310CM_15 Datasheet HTML 5Page - International Rectifier IRF5Y1310CM_15 Datasheet HTML 6Page - International Rectifier IRF5Y1310CM_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
18*
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
18*
IDM
Pulsed Drain Current ➀
72
PD @ TC = 25°C
Max. Power Dissipation
100
W
Linear Derating Factor
0.8
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
210
mJ
IAR
Avalanche Current ➀
18
A
EAR
Repetitive Avalanche Energy ➀
10
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
3.8
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063in./1.6mm from case for 10sec)
Weight
4.3 (Typical)
g
oC
A
01/17/01
www.irf.com
1
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRF5Y1310CM
100V
0.044
Ω 18A*
For footnotes refer to the last page
TO-257AA
HEXFET® POWER MOSFET
IRF5Y1310CM
THRU-HOLE (TO-257AA)
100V, N-CHANNEL
Fifth Generation HEXFET®
power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve the lowest possible on-resistance
per silicon unit area. This benefit, combined with the
fast switching speed and ruggedized device design
that HEXFET power MOSFETs are well known for,
provides the designer with an extremely efficient device
for use in a wide variety of applications.
These devices are well-suited for applications such
as switching power supplies, motor controls, invert-
ers, choppers, audio amplifiers and high-energy pulse
circuits.
* Current is limited by package
Features:
n Low RDS(on)
n Avalanche Energy Ratings
n Dynamic dv/dt Rating
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Light Weight
PD - 94058


유사한 부품 번호 - IRF5Y1310CM_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF5Y1310CM IRF-IRF5Y1310CM Datasheet
107Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.044ohm, Id=18A*)
More results

유사한 설명 - IRF5Y1310CM_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF5EA1310 IRF-IRF5EA1310_15 Datasheet
244Kb / 7P
   Avalanche Energy Ratings
IRF5M5210 IRF-IRF5M5210_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5N4905 IRF-IRF5N4905_15 Datasheet
121Kb / 7P
   Avalanche Energy Ratings
IRF5NJ3315 IRF-IRF5NJ3315_15 Datasheet
176Kb / 7P
   Avalanche Energy Ratings
IRF5Y3315CM IRF-IRF5Y3315CM_15 Datasheet
108Kb / 7P
   Avalanche Energy Ratings
IRF5Y3710CM IRF-IRF5Y3710CM_15 Datasheet
107Kb / 7P
   Avalanche Energy Ratings
IRF7Y1405CM IRF-IRF7Y1405CM_15 Datasheet
100Kb / 7P
   Avalanche Energy Ratings
IRF7YSZ44VCM IRF-IRF7YSZ44VCM_15 Datasheet
117Kb / 7P
   Avalanche Energy Ratings
IRF5M3415 IRF-IRF5M3415_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5Y5305CM IRF-IRF5Y5305CM_15 Datasheet
110Kb / 7P
   Avalanche Energy Ratings
IRF7E3704 IRF-IRF7E3704_15 Datasheet
132Kb / 7P
   Avalanche Energy Ratings
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com