전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LV123 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74LV123
상세설명  74LV123_15
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV123 데이터시트(HTML) 2 Page - NXP Semiconductors

  74LV123_15 Datasheet HTML 1Page - NXP Semiconductors 74LV123_15 Datasheet HTML 2Page - NXP Semiconductors 74LV123_15 Datasheet HTML 3Page - NXP Semiconductors 74LV123_15 Datasheet HTML 4Page - NXP Semiconductors 74LV123_15 Datasheet HTML 5Page - NXP Semiconductors 74LV123_15 Datasheet HTML 6Page - NXP Semiconductors 74LV123_15 Datasheet HTML 7Page - NXP Semiconductors 74LV123_15 Datasheet HTML 8Page - NXP Semiconductors 74LV123_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
74LV123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 12 December 2011
2 of 24
NXP Semiconductors
74LV123
Dual retriggerable monostable multivibrator with reset
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LV123N
40 Cto+125 C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74LV123D
40 Cto+125 C
SO16
plastic small outline package; 16 leads; body width
3.9 mm
SOT109-1
74LV123DB
40 Cto+125 C
SSOP16
plastic shrink small outline package; 16 leads; body width
5.3 mm
SOT338-1
74LV123PW
40 Cto+125 C
TSSOP16
plastic thin shrink small outline package; 16 leads; body
width 4.4 mm
SOT403-1
74LV123BQ
40 Cto+125 C
DHVQFN16 plastic dual in-line compatible thermal enhanced very thin
quad flat package; no leads; 16 terminals;
body 2.5
 3.5  0.85 mm
SOT763-1
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aae521
14
1
2
3
1A
1B
1RD
9
10
11
2A
2B
2RD
15
S
Q
Q
T
RD
13
4
1CEXT
1REXT/CEXT
1Q
1Q
6
7
5
12
2CEXT
2REXT/CEXT
2Q
2Q
1
2
3
13
CX
&
RCX
R
R
14
4
15
001aae522
9
10
11
5
CX
&
RCX
6
12
7


유사한 부품 번호 - 74LV123_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74LV123A TI-74LV123A Datasheet
530Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
NXP Semiconductors
74LV123BQ NXP-74LV123BQ Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74LV123BQ PHILIPS-74LV123BQ Datasheet
278Kb / 24P
   Dual retriggerable monostable multivibrator with reset Rev. 7 ??12 December 2011
Rev. 7-12 December 2011
logo
Nexperia B.V. All right...
74LV123BQ NEXPERIA-74LV123BQ Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
logo
NXP Semiconductors
74LV123D PHILIPS-74LV123D Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com