전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LV164 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74LV164
상세설명  8-bit serial-in/parallel-out shift register
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV164 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74LV164_15 Datasheet HTML 3Page - NXP Semiconductors 74LV164_15 Datasheet HTML 4Page - NXP Semiconductors 74LV164_15 Datasheet HTML 5Page - NXP Semiconductors 74LV164_15 Datasheet HTML 6Page - NXP Semiconductors 74LV164_15 Datasheet HTML 7Page - NXP Semiconductors 74LV164_15 Datasheet HTML 8Page - NXP Semiconductors 74LV164_15 Datasheet HTML 9Page - NXP Semiconductors 74LV164_15 Datasheet HTML 10Page - NXP Semiconductors 74LV164_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
9397 750 14501
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 February 2005
7 of 21
Philips Semiconductors
74LV164
8-bit serial-in/parallel-out shift register
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 100 µA; VCC = 1.2 V
-
0
-
V
IO = 100 µA; VCC = 2.0 V
-
0
0.2
V
IO = 100 µA; VCC = 2.7 V
-
0
0.2
V
IO = 100 µA; VCC = 3.0 V
-
0
0.2
V
IO = 6 mA; VCC = 3.0 V
-
0.25
0.40
V
IO = 100 µA; VCC = 4.5 V
-
0
0.2
V
IO = 12 mA; VCC = 4.5 V
-
0.35
0.55
V
ILI
input leakage current
VI = VCC or GND; VCC = 5.5 V
-
-
1.0
µA
ICC
quiescent supply current
VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
20.0
µA
∆ICC
additional quiescent supply
current per input
VI = VCC − 0.6 V; VCC = 2.7 V
to 3.6 V
-
-
500
µA
CI
input capacitance
-
3.5
-
pF
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 1.2 V
0.9
-
-
V
VCC = 2.0 V
1.4
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VCC = 4.5 V to 5.5 V
0.7
× VCC --
V
VIL
LOW-level input voltage
VCC = 1.2 V
-
-
0.3
V
VCC = 2.0 V
-
-
0.6
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3
× VCC V
VOH
HIGH-level output voltage
VI = VIH or VIL
lO = −100 µA; VCC = 1.2 V
-
-
-
V
lO = −100 µA; VCC = 2.0 V
1.8
-
-
V
lO = −100 µA; VCC = 2.7 V
2.5
-
-
V
lO = −100 µA; VCC = 3.0 V
2.8
-
-
V
lO = −6 mA; VCC = 3.0 V
2.20
-
-
V
lO = −100 µA; VCC = 4.5 V
4.3
-
-
V
lO = −12 mA; VCC = 4.5 V
3.50
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 100 µA; VCC = 1.2 V
-
-
-
V
IO = 100 µA; VCC = 2.0 V
-
-
0.2
V
IO = 100 µA; VCC = 2.7 V
-
-
0.2
V
IO = 100 µA; VCC = 3.0 V
-
-
0.2
V
IO = 6 mA; VCC = 3.0 V
-
-
0.50
V
IO = 100 µA; VCC = 4.5 V
-
-
0.2
V
IO = 12 mA; VCC = 4.5 V
-
-
0.65
V
Table 7:
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - 74LV164_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LV164-Q100 NEXPERIA-74LV164-Q100 Datasheet
768Kb / 19P
   8-bit serial-in/parallel-out shift register
logo
Texas Instruments
74LV164A TI-74LV164A Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74LV164AD TI1-74LV164AD Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
logo
Nexperia B.V. All right...
74LV164BQ NEXPERIA-74LV164BQ Datasheet
259Kb / 15P
   8-bit serial-in/parallel-out shift register
Rev. 6 - 15 September 2021
74LV164BQ-Q100 NEXPERIA-74LV164BQ-Q100 Datasheet
768Kb / 19P
   8-bit serial-in/parallel-out shift register
More results

유사한 설명 - 74LV164_15

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com