전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC_LVCH2T45 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74LVC_LVCH2T45
상세설명  Dual supply translating transceiver; 3-state
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC_LVCH2T45 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC_LVCH2T45_15 Datasheet HTML 4Page - NXP Semiconductors 74LVC_LVCH2T45_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC_LVCH2T45_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC_LVCH2T45_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC_LVCH2T45_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC_LVCH2T45_15 Datasheet HTML 9Page - NXP Semiconductors 74LVC_LVCH2T45_15 Datasheet HTML 10Page - NXP Semiconductors 74LVC_LVCH2T45_15 Datasheet HTML 11Page - NXP Semiconductors 74LVC_LVCH2T45_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 29 March 2013
8 of 36
NXP Semiconductors
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
VOL
LOW-level
output voltage
VI = VIL
[2]
IO = 100 A;
VCCO = 1.2 V to 4.5 V
-
0.1
-
0.1
V
IO = 6 mA; VCCO = 1.4 V
-
0.3
-
0.3
V
IO = 8 mA; VCCO = 1.65 V
-
0.45
-
0.45
V
IO = 12 mA; VCCO = 2.3 V
-
0.3
-
0.3
V
IO = 24 mA; VCCO = 3.0 V
-
0.55
-
0.55
V
IO = 32 mA; VCCO = 4.5 V
-
0.55
-
0.55
V
II
input leakage
current
DIR input; VI = 0 V to 5.5 V;
VCCI = 1.2 V to 5.5 V
-
2-
10
A
IBHL
bus hold LOW
current
A or B port
[1]
VI = 0.49 V; VCCI =1.4 V
15
-
10
-
A
VI = 0.58 V; VCCI =1.65 V
25
-
20
-
A
VI = 0.70 V; VCCI =2.3 V
45
-
45
-
A
VI = 0.80 V; VCCI =3.0 V
100
-
80
-
A
VI = 1.35 V; VCCI =4.5 V
100
-
100
-
A
IBHH
bus hold HIGH
current
A or B port
[1]
VI = 0.91 V; VCCI =1.4 V
15
-
10
-
A
VI = 1.07 V; VCCI =1.65 V
25
-
20
-
A
VI = 1.60 V; VCCI =2.3 V
45
-
45
-
A
VI = 2.00 V; VCCI =3.0 V
100
-
80
-
A
VI = 3.15 V; VCCI =4.5 V
100
-
100
-
A
IBHLO
bus hold LOW
overdrive
current
A or B port
[1][3]
VCCI = 1.6 V
125
-
125
-
A
VCCI = 1.95 V
200
-
200
-
A
VCCI = 2.7 V
300
-
300
-
A
VCCI = 3.6 V
500
-
500
-
A
VCCI = 5.5 V
900
-
900
-
A
IBHHO
bus hold HIGH
overdrive
current
A or B port
[1][3]
VCCI = 1.6 V
125
-
125
-
A
VCCI = 1.95 V
200
-
200
-
A
VCCI = 2.7 V
300
-
300
-
A
VCCI = 3.6 V
500
-
500
-
A
VCCI = 5.5 V
900
-
900
-
A
IOZ
OFF-state
output current
A or B port; VO =0V orVCCO;
VCCO = 1.2 V to 5.5 V
[2]
-
2-
10
A
Table 8.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Max
Min
Max


유사한 부품 번호 - 74LVC_LVCH2T45_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC_LVCH244A PHILIPS-74LVC_LVCH244A_15 Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
74LVC_LVCH245A PHILIPS-74LVC_LVCH245A Datasheet
139Kb / 18P
   Octal bus transceiver; 3-state
Rev. 8-28 June 2013
74LVC_LVCH245A PHILIPS-74LVC_LVCH245A_15 Datasheet
139Kb / 18P
   Octal bus transceiver; 3-state
Rev. 8-28 June 2013
More results

유사한 설명 - 74LVC_LVCH2T45_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
   Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74AVCH1T45 NXP-74AVCH1T45 Datasheet
789Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74LVC1T45-Q100 NEXPERIA-74LVC1T45-Q100 Datasheet
349Kb / 28P
   Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC1T45 PHILIPS-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC_LVCH1T45 PHILIPS-74LVC_LVCH1T45_15 Datasheet
292Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 6-6 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com