전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6775MPBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRF6775MPBF
상세설명  Latest MOSFET Silicon technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6775MPBF 데이터시트(HTML) 4 Page - International Rectifier

  IRF6775MPBF_15 Datasheet HTML 1Page - International Rectifier IRF6775MPBF_15 Datasheet HTML 2Page - International Rectifier IRF6775MPBF_15 Datasheet HTML 3Page - International Rectifier IRF6775MPBF_15 Datasheet HTML 4Page - International Rectifier IRF6775MPBF_15 Datasheet HTML 5Page - International Rectifier IRF6775MPBF_15 Datasheet HTML 6Page - International Rectifier IRF6775MPBF_15 Datasheet HTML 7Page - International Rectifier IRF6775MPBF_15 Datasheet HTML 8Page - International Rectifier IRF6775MPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF6775MTRPbF
4
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 26, 2014
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient ƒ
Fig 10. Threshold Voltage vs. Temperature
Fig 9. Maximum Drain Current vs. Case Temperature
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
0.0
0.5
1.0
1.5
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
VGS = 0V
TJ = 150°C
TJ = 25°C
TJ = -40°C
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
2.0
2.5
3.0
3.5
4.0
4.5
5.0
ID = 100μA
ID = 250μA
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , RectangularPulse Duration (sec)
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
Ri (°C/W)
τi (sec)
1.2801
0.000322
8.7256
0.164798
21.750
2.25760
13.251
69
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci=
τi/Ri
Ci=
τi/Ri
τ
A
τ
A
τ
4
τ
4
R
4
R
4
25
50
75
100
125
150
TC , CaseTemperature (°C)
0
5
10
15
20
25
30
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
Tc = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100μsec
DC


유사한 부품 번호 - IRF6775MPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6775MPBF IRF-IRF6775MPBF Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
More results

유사한 설명 - IRF6775MPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6665PBF IRF-IRF6665PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6775MPBF IRF-IRF6775MPBF Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6665PBF IRF-IRF6665PBF_15 Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF66651PBF IRF-IRF66651PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6785MPBF IRF-IRF6785MPBF_15 Datasheet
609Kb / 9P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF_15 Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6641PBF IRF-IRF6641PBF Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
IRF6641PBF IRF-IRF6641PBF_15 Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
IRF6785MPBF IRF-IRF6785MPBF Datasheet
609Kb / 9P
   Latest MOSFET Silicon technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com