전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVCH32244A 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74LVCH32244A
상세설명  32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH32244A 데이터시트(HTML) 3 Page - NXP Semiconductors

  74LVCH32244A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVCH32244A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVCH32244A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVCH32244A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVCH32244A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVCH32244A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVCH32244A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVCH32244A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVCH32244A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74LVCH32244A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 16 December 2011
3 of 14
NXP Semiconductors
74LVCH32244A
32-bit buffer/line driver; 5 V input/output tolerant; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 3.
Pin configuration
mna471
1A1
1A3
2A1
2A3
3A1
3A3
4A1
4A2
5A1
5A3
6A1
6A3
7A1
7A3
8A1
8A2
1A0
1A2
2A0
2A2
3A0
3A2
4A0
4A3
5A0
5A2
6A0
6A2
7A0
7A2
8A0
8A3
1Y0
1Y2
2Y0
2Y2
3Y0
3Y2
4Y0
4Y3
5Y0
5Y2
6Y0
6Y2
7Y0
7Y2
8Y0
8Y3
1Y1
1Y3
2Y1
2Y3
3Y1
3Y3
4Y1
4Y2
5Y1
5Y3
6Y1
6Y3
7Y1
7Y3
8Y1
8Y2
2OE
3OE 6OE
GND
GND GND
GND
7OE
VCC
VCC
GND
GND GND
GND
VCC
VCC
1OE
6
5
2
1
4
3
4OE 5OE
GND
GND GND
GND
8OE
VCC
VCC
GND
GND GND
GND
VCC
VCC
AH
J
BD
E
G
T
CF
K
M
N
R
LP
Table 2:
Pin description
Symbol
Ball
Description
nOE (n = 1 to 8)
A3, A4, H4, H3, J3, J4, T4, T3
3-state output enable input (active LOW)
1A[0:7]
A5, A6, B5, B6
data input
2A[0:7]
C5, C6, D5, D6
3A[0:7]
E5, E6, F5, F6
4A[0:7]
G5, G6, H6, H5
5A[0:7]
J5, J6, K5, K6
6A[0:7]
L5, L6, M5, M6
7A[0:7]
N5, N6, P5, P6
8A[0:7]
R5, R6, T6, T5
1Y[0:7]
A2, A1, B2, B1
data output
2Y[0:7]
C2, C1, D2, D1
3Y[0:7]
E2, E1, F2, F1
4Y[0:7]
G2, G1, H1, H2
5Y[0:7]
J2, J1, K2, K1
6Y[0:7]
L2, L1, M2, M1
7Y[0:7]
N2, N1, P2, P1
8Y[0:7]
R2, R1, T1, T2
GND
B3, B4, D3, D4, E3, E4, G3, G4, K3, K4, M3,
M4, N3, N4, R3, R4
ground (0 V)
VCC
C3, C4, F3, F4, L3, L4, P3, P4
supply voltage


유사한 부품 번호 - 74LVCH32244A_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVCH32244AEC PHILIPS-74LVCH32244AEC Datasheet
76Kb / 16P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
1999 Aug 31
More results

유사한 설명 - 74LVCH32244A_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC32244A PHILIPS-74LVC32244A Datasheet
76Kb / 16P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
logo
NXP Semiconductors
74LVCH322244A PHILIPS-74LVCH322244A_15 Datasheet
166Kb / 14P
   32-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 3-16 December 2011
74LVC322244A PHILIPS-74LVC322244A Datasheet
77Kb / 16P
   32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC16244A PHILIPS-74LVC16244A Datasheet
78Kb / 10P
   16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com