전자부품 데이터시트 검색엔진 |
|
74LVCH32245A 데이터시트(PDF) 7 Page - NXP Semiconductors |
|
74LVCH32245A 데이터시트(HTML) 7 Page - NXP Semiconductors |
7 / 15 page 74LVCH32245A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 5 — 15 December 2011 7 of 15 NXP Semiconductors 74LVCH32245A 32-bit bus transceiver with direction pin; 5 V tolerant; 3-state [1] All typical values are measured at VCC = 3.3 V and Tamb =25 C. [2] The bus hold circuit is switched off when VI >VCC allowing 5.5 V on the input pin. [3] Valid for data inputs only. Control inputs do not have a bus hold circuit. [4] The specified sustaining current at the data inputs holds the input below the specified VI level. [5] The specified overdrive current at the data input forces the data input to the opposite logic input state. 10. Dynamic characteristics IBHL bus hold LOW current VCC = 1.65; VI = 0.58 V [3][4] 10 - - 10 - A VCC = 2.3; VI = 0.7 V 30 - - 25 - A VCC = 3.0; VI = 0.8 V 75 - - 60 - A IBHH bus hold HIGH current VCC = 1.65; VI = 1.07 V [3][4] 10 - - 10 - A VCC = 2.3; VI = 1.7 V 30 - - 25 - A VCC = 3.0; VI = 2.0 V 75 - - 60 - A IBHLO bus hold LOW overdrive current VCC = 1.95 V [3][5] 200 - - 200 - A VCC = 2.7 V 300 - - 300 - A VCC = 3.6 V 500 - - 500 - A IBHHO bus hold HIGH overdrive current VCC = 1.95 V [3][5] 200 - - 200 - A VCC = 2.7 V 300 - - 300 - A VCC = 3.6 V 500 - - 500 - A Table 6. Static characteristics …continued At recommended operating conditions. Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions 40 C to +85 C 40 C to +125 C Unit Min Typ[1] Max Min Max Table 7. Dynamic characteristics Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 6. Symbol Parameter Conditions Tamb = 40 C to +85 C 40 C to +125 C Unit Min Typ[1] Max Min Max tpd propagation delay nAn to nBn; nBn to nAn; see Figure 4 [2] VCC = 1.2 V - 13.0 - - - ns VCC = 1.65 V to 1.95 V 1.5 5.2 12.2 1.5 13.8 ns VCC = 2.3 V to 2.7 V 1.0 2.8 6.0 1.0 6.7 ns VCC = 2.7 V 1.0 2.7 4.7 1.0 6.0 ns VCC = 3.0 V to 3.6 V 1.0 2.4 4.5 1.0 6.0 ns ten enable time nOE to nAn, nBn: see Figure 5 [2] VCC = 1.2 V - 15.0 - - - ns VCC = 1.65 V to 1.95 V 1.5 5.9 15.0 1.5 16.9 ns VCC = 2.3 V to 2.7 V 1.0 3.3 7.9 1.0 8.8 ns VCC = 2.7 V 1.5 3.5 6.7 1.5 8.5 ns VCC = 3.0 V to 3.6 V 1.0 2.7 5.5 1.0 7.0 ns |
유사한 부품 번호 - 74LVCH32245A_15 |
|
유사한 설명 - 74LVCH32245A_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |