전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVCH322245A 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 74LVCH322245A
상세설명  32-bit bus transceiver with direction pin; 30 ??series termination resistors; 5 V tolerant; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH322245A 데이터시트(HTML) 1 Page - NXP Semiconductors

  74LVCH322245A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74LVCH322245A is a 32-bit transceiver featuring non-inverting 3-state bus
compatible outputs in both send and receive directions. The device features four output
enable (nOE) inputs for easy cascading and four send/receive (nDIR) inputs for direction
control. Pin nOE controls the outputs so that the buses are effectively isolated. The device
is designed with 30
 series termination resistors in both HIGH and LOW output stages to
reduce line noise.
Inputs can be driven from either 3.3 V or 5 V devices. When disabled, up to 5.5 V can be
applied to the outputs. These features allow the use of these devices in mixed
3.3 V and 5 V applications.
To ensure the high-impedance state during power-up or power-down, pin nOE should be
tied to VCC through a pull-up resistor; the minimum value of the resistor is determined by
the current-sinking capability of the driver.
Bus hold on data inputs eliminates the need for external pull-up resistors to hold unused
inputs.
2.
Features and benefits
5 V tolerant inputs/outputs for interfacing with 5 V logic
Wide supply voltage range from 1.2 V to 3.6 V
CMOS low power consumption
MULTIBYTE flow-through standard pin-out architecture
Low inductance multiple power and ground pins for minimum noise and ground
bounce
Direct interface with TTL levels
Integrated 30
 termination resistors
All data inputs have bus hold
Complies with JEDEC standard:
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A (2.3 V to 2.7 V)
JESD8-C/JESD36 (2.7 V to 3.6 V)
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-B exceeds 200 V
CDM JESD22-C101E exceeds 1000 V
Specified from
40 Cto+85 C and 40 Cto+125 C
74LVCH322245A
32-bit bus transceiver with direction pin; 30
 series
termination resistors; 5 V tolerant; 3-state
Rev. 4 — 20 December 2011
Product data sheet


유사한 부품 번호 - 74LVCH322245A_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVCH322245AEC PHILIPS-74LVCH322245AEC Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
1999 Sep 01
74LVCH322245AEC NXP-74LVCH322245AEC Datasheet
94Kb / 13P
   32-bit bus transceiver with direction pin; 30 W series
Rev. 03-20 August 2007
More results

유사한 설명 - 74LVCH322245A_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC322245A PHILIPS-74LVC322245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
1999 Sep 01
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
NXP Semiconductors
74LVC_LVCH162245A PHILIPS-74LVC_LVCH162245A_15 Datasheet
237Kb / 16P
   16-bit transceiver with direction pin, 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-23 November 2011
74LVC2245A PHILIPS-74LVC2245A_15 Datasheet
297Kb / 16P
   Octal transceiver with direction pin, 30 series termination resistors; 5 V tolerant input/output; 3-state
Rev. 5-4 November 2011
logo
Nexperia B.V. All right...
74LVCH162245A NEXPERIA-74LVCH162245A Datasheet
257Kb / 14P
   16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com