전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT573 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 74LVT573
상세설명  3.3 V octal D-type transparent latch; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT573 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button 74LVT573_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 9Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 10Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 11Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 12Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 13Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 14Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
74LVT573
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 22 November 2011
11 of 17
NXP Semiconductors
74LVT573
3.3 V octal D-type transparent latch; 3-state
Fig 13. Package outline SOT339-1 (SSOP20)
UNIT
A1
A2
A3
bp
cD(1)
E(1)
eHE
LLp
Q
(1)
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.21
0.05
1.80
1.65
0.38
0.25
0.20
0.09
7.4
7.0
5.4
5.2
0.65
7.9
7.6
0.9
0.7
0.9
0.5
8
0
o
o
0.13
1.25
0.2
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.2 mm maximum per side are not included.
1.03
0.63
SOT339-1
MO-150
99-12-27
03-02-19
X
w M
θ
A
A1
A2
bp
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
110
20
11
y
0.25
pin 1 index
0
2.5
5 mm
scale
SSOP20: plastic shrink small outline package; 20 leads; body width 5.3 mm
SOT339-1
A
max.
2


유사한 부품 번호 - 74LVT573_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT573BQ NXP-74LVT573BQ Datasheet
111Kb / 16P
   3.3 V octal D-type transparent latch; (3-state)
Rev. 04-15 September 2008
logo
Nexperia B.V. All right...
74LVT573BQ NEXPERIA-74LVT573BQ Datasheet
264Kb / 15P
   3.3 V octal D-type transparent latch; 3-state
Rev. 9 - 30 July 2021
logo
NXP Semiconductors
74LVT573D PHILIPS-74LVT573D Datasheet
99Kb / 12P
   3.3V Octal D-type transparent latch 3-State
1998 Feb 19
74LVT573D NXP-74LVT573D Datasheet
111Kb / 16P
   3.3 V octal D-type transparent latch; (3-state)
Rev. 04-15 September 2008
logo
Nexperia B.V. All right...
74LVT573D NEXPERIA-74LVT573D Datasheet
264Kb / 15P
   3.3 V octal D-type transparent latch; 3-state
Rev. 9 - 30 July 2021
More results

유사한 설명 - 74LVT573_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVT573 NEXPERIA-74LVT573 Datasheet
264Kb / 15P
   3.3 V octal D-type transparent latch; 3-state
Rev. 9 - 30 July 2021
logo
NXP Semiconductors
74LVT573 NXP-74LVT573 Datasheet
111Kb / 16P
   3.3 V octal D-type transparent latch; (3-state)
Rev. 04-15 September 2008
logo
Texas Instruments
SN74LVTH373-EP TI1-SN74LVTH373-EP Datasheet
442Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com