전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT2244 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74LVT2244
상세설명  3.3V Octal buffer/line driver with 30W series termination resistors (3-State)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT2244 데이터시트(HTML) 3 Page - NXP Semiconductors

  74LVT2244_15 Datasheet HTML 1Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LVT2244
3.3V Octal buffer/line driver with 30
series termination resistors (3-State)
1998 Feb 19
3
LOGIC SYMBOL
1OE
1
1A0
2
1A1
4
1A2
6
1A3
8
2OE
19
2A0
11
2A1
18
13
2A2
15
16
2A3
17
14
12
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
9
7
5
3
SV00011
FUNCTION TABLE
INPUTS
OUTPUTS
nOE1
nAx
nYx
L
L
L
L
H
H
H
X
Z
H = High voltage level
L
= Low voltage level
X = Don’t care
Z = High impedance “off ” state
LOGIC SYMBOL (IEEE/IEC)
1
2
18
4
16
6
14
8
12
19
11
9
13
7
15
5
17
3
EN
EN
SV00012
SCHEMATIC OF EACH OUTPUT
VCC
VCC
OUTPUT
22
20
SW00202
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
VI
DC input voltage3
–0.5 to +7.0
V
VOUT
DC output voltage3
Output in Off or High state
–0.5 to +7.0
V
IOUT
DC output current
Output in Low state
128
mA
IOUT
DC out ut current
Output in High state
–64
mA
IIK
DC input diode current
VI < 0
–50
mA
IOK
DC output diode current
VO < 0
–50
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


유사한 부품 번호 - 74LVT2244_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT2244D PHILIPS-74LVT2244D Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT2244D NEXPERIA-74LVT2244D Datasheet
231Kb / 13P
   3.3 V octal buffer/line driver with 30 Ω termination resistors; 3-state
Rev. 4 - 17 May 2021
logo
NXP Semiconductors
74LVT2244DB PHILIPS-74LVT2244DB Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
logo
National Semiconductor ...
74LVT2244MSA NSC-74LVT2244MSA Datasheet
149Kb / 8P
   3.3V ABT Octal Buffer/Line Driver with TRI-STATE Outputs
74LVT2244MSAX NSC-74LVT2244MSAX Datasheet
149Kb / 8P
   3.3V ABT Octal Buffer/Line Driver with TRI-STATE Outputs
More results

유사한 설명 - 74LVT2244_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
   3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ALVT162827_2 PHILIPS-74ALVT162827_2_15 Datasheet
100Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30W termination resistors (3-State)
1998 Feb 13
74LVT241 PHILIPS-74LVT241 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Feb 19
74LVT244B PHILIPS-74LVT244B Datasheet
91Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Nov
74LVT244A PHILIPS-74LVT244A Datasheet
89Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Feb 19
74LVTH244A PHILIPS-74LVTH244A Datasheet
101Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Oct 02
logo
Nexperia B.V. All right...
74LVT2244 NEXPERIA-74LVT2244 Datasheet
231Kb / 13P
   3.3 V octal buffer/line driver with 30 Ω termination resistors; 3-state
Rev. 4 - 17 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com