전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT16501A 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 74LVT16501A
상세설명  3.3 V LVT 18-bit universal bus transceiver; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16501A 데이터시트(HTML) 1 Page - NXP Semiconductors

  74LVT16501A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74LVT16501A is a high-performance BiCMOS product designed for VCC operation at
3.3 V. This device is an 18-bit universal transceiver featuring non-inverting 3-state bus
compatible outputs in both send and receive directions.
Data flow in each direction is controlled by output enable (OEAB and OEBA), latch enable
(LEAB and LEBA), and clock (CPAB and CPBA) inputs.
For A-to-B data flow, the device operates in the transparent mode when LEAB is HIGH.
When LEAB is LOW, the A-bus data is latched if CPAB is held at a HIGH or LOW level.
If LEAB is LOW, the A-bus data is stored in the latch/flip-flop on the LOW-to-HIGH
transition of CPAB. When OEAB is HIGH, the outputs are active. When OEAB is LOW, the
outputs are in the high-impedance state.
Data flow for B-to-A is similar to that of A-to-B but uses OEBA, LEBA and CPBA. The
output enables are complimentary (OEAB is active HIGH and OEBA is active LOW).
Active bus hold circuitry is provided to hold unused or floating data inputs at a valid logic
level.
2.
Features
I 18-bit bidirectional bus interface
I 3-state buffers
I Output capability: +64 mA to −32 mA
I TTL input and output switching levels
I Input and output interface capability to systems at 5 V supply
I Bus hold data inputs eliminate need for external pull-up resistors to hold unused inputs
I Live insertion and extraction permitted
I Power-up reset
I Power-up 3-state
I No bus current loading when output is tied to 5 V bus
I Positive-edge triggered clock inputs
I Latch-up protection:
N JESD78: exceeds 500 mA
I ESD protection:
N MIL STD 883, method 3015: exceeds 2000 V
N Machine model: exceeds 200 V
74LVT16501A
3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04 — 19 May 2006
Product data sheet


유사한 부품 번호 - 74LVT16501A_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT16501ADGG PHILIPS-74LVT16501ADGG Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
74LVT16501ADGG PHILIPS-74LVT16501ADGG Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
logo
Nexperia B.V. All right...
74LVT16501ADGG NEXPERIA-74LVT16501ADGG Datasheet
229Kb / 20P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04 - 19 May 2006
logo
NXP Semiconductors
74LVT16501ADL PHILIPS-74LVT16501ADL Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
74LVT16501ADL PHILIPS-74LVT16501ADL Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
More results

유사한 설명 - 74LVT16501A_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A_06 Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
logo
Nexperia B.V. All right...
74LVT16501A NEXPERIA-74LVT16501A Datasheet
229Kb / 20P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04 - 19 May 2006
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
74LVT16500A PHILIPS-74LVT16500A_06 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
74LVT16500A PHILIPS-74LVT16500A_15 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
logo
Nexperia B.V. All right...
74LVT16500A NEXPERIA-74LVT16500A Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
Texas Instruments
SN74LVTH16500-EP TI1-SN74LVTH16500-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16501-EP TI1-SN74LVTH16501-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ALVTH16601 TI-SN54ALVTH16601 Datasheet
196Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ALVTH16601 TI1-SN54ALVTH16601_08 Datasheet
468Kb / 18P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com