전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT16501A 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74LVT16501A
상세설명  3.3 V LVT 18-bit universal bus transceiver; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16501A 데이터시트(HTML) 3 Page - NXP Semiconductors

  74LVT16501A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
74LVT16501A_4
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 19 May 2006
3 of 19
Philips Semiconductors
74LVT16501A
3.3 V LVT 18-bit universal bus transceiver; 3-state
5.
Functional diagram
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
001aad339
5
54
52
B0
B1
3
A0
A1
6
51
B2
A2
8
49
B3
A3
9
48
B4
A4
10
47
B5
A5
12
45
B6
A6
13
44
B7
A7
14
43
B8
A8
15
42
B9
A9
16
41
B10
A10
17
40
B11
A11
19
38
B12
A12
20
37
B13
A13
21
36
B14
A14
23
34
B15
A15
24
33
B16
A16
26
31
B17
A17
28
30
27
2
1
55
1
1
3D
16D
4
001aad338
5
54
52
B0
B1
3
A0
A1
651
B2
A2
849
B3
A3
948
B4
A4
10
47
B5
A5
12
45
B6
A6
13
44
B7
A7
14
43
B8
A8
15
42
B9
A9
16
41
B10
A10
17
40
B11
A11
19
38
B12
A12
20
37
B13
A13
21
36
B14
A14
23
34
B15
A15
24
33
B16
A16
26
31
B17
A17
G5
28
30
LEBA
CPBA
C6
G2
LEAB
C3
27
2
OEAB
EN1
1
EN4
OEBA
5C6
55
CPAB
2C3
001aaf011
54
A0
ID
C1
to 17 other channels
CLK
ID
B0
3
OEBA
27
CPBA
30
LEBA
28
LEAB
2
CPAB
55
OEAB
1
C1
CLK


유사한 부품 번호 - 74LVT16501A_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT16501ADGG PHILIPS-74LVT16501ADGG Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
74LVT16501ADGG PHILIPS-74LVT16501ADGG Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
logo
Nexperia B.V. All right...
74LVT16501ADGG NEXPERIA-74LVT16501ADGG Datasheet
229Kb / 20P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04 - 19 May 2006
logo
NXP Semiconductors
74LVT16501ADL PHILIPS-74LVT16501ADL Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
74LVT16501ADL PHILIPS-74LVT16501ADL Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
More results

유사한 설명 - 74LVT16501A_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A_06 Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
logo
Nexperia B.V. All right...
74LVT16501A NEXPERIA-74LVT16501A Datasheet
229Kb / 20P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04 - 19 May 2006
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
74LVT16500A PHILIPS-74LVT16500A_06 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
74LVT16500A PHILIPS-74LVT16500A_15 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
logo
Nexperia B.V. All right...
74LVT16500A NEXPERIA-74LVT16500A Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
Texas Instruments
SN74LVTH16500-EP TI1-SN74LVTH16500-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16501-EP TI1-SN74LVTH16501-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ALVTH16601 TI-SN54ALVTH16601 Datasheet
196Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ALVTH16601 TI1-SN54ALVTH16601_08 Datasheet
468Kb / 18P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com