전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT162244B 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74LVT162244B
상세설명  3.3V 16-bit buffer/driver with 30 termination resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT162244B 데이터시트(HTML) 5 Page - NXP Semiconductors

  74LVT162244B_15 Datasheet HTML 1Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVT162244B
3.3V 16-bit buffer/driver with 30
termination resistors (3-State)
1998 Oct 07
5
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 2.7V; IIK = -18mA
-1.2
VOH
High-level output voltage
VCC = 3.0V; IOH = -12mA
2.0
V
VOL
Low-level output voltage
VCC = 3.0V; IOL = 12mA
0.8
VCC = 3.6V; VI = VCC or GND
Control pins
0.1
±1.0
I
Input leakage current
VCC = 0 or 3.6V; VI = 5.5V
0.4
10
µA
II
Input leakage current
VCC = 3.6V; VI = VCC
Data pins4
0.1
1
µA
VCC = 3.6V; VI = 0
Data pins4
-0.4
-5
IOFF
Output off current
VCC = 0V; VI or VO = 0 to 4.5V
0.1
±100
µA
6
VCC = 3V; VI = 0.8V
75
135
IHOLD
Bus Hold current A inputs6
VCC = 3V; VI = 2.0V
-75
-135
µA
VCC = 0V to 3.6V; VCC = 3.6V
±500
IEX
Current into an output in the
High state when VO > VCC
VO = 5.5V; VCC = 3.0V
50
125
µA
IPU/PD
Power up/down 3-State output
current3
VCC ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC;
OE/OE = Don’t care
1
±100
µA
IOZH
3-State output High current
VCC = 3.6V; VO = 3.0V; VI = VIL or VIH
0.5
5
µA
IOZL
3-State output Low current
VCC = 3.6V; VO = 0.5V; VI = VIL or VIH
0.5
-5
µA
ICCH
VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0
0.07
0.12
ICCL
Quiescent supply current
VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0
4.0
6.0
mA
ICCZ
VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO = 05
0.07
0.12
∆ICC
Additional supply current per
input pin2
VCC = 3V to 3.6V; One input at VCC-0.6V,
Other inputs at VCC or GND
0.1
0.2
mA
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V ± 0.3V a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25°C only.
4. Unused pins at VCC or GND.
5. ICCZ is measured with outputs pulled to VCC or GND.
6. This is the bus hold overdrive current required to force the input to the opposite logic state.
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = -40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MAX
tPLH
tPHL
Propagation delay
nAx to nYx
1
0.5
0.5
2.8
2.5
4.2
4.2
5.0
5.0
ns
tPZH
tPZL
Output enable time
to High and Low level
2
1.0
1.0
3.5
3.1
5.5
5.5
7.0
6.5
ns
tPHZ
tPLZ
Output disable time
from High and Low Level
2
1.0
1.0
3.6
3.1
5.5
5.5
6.0
6.0
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.


유사한 부품 번호 - 74LVT162244B_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT162244BDGG PHILIPS-74LVT162244BDGG Datasheet
77Kb / 10P
   3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
logo
Nexperia B.V. All right...
74LVT162244BDGG NEXPERIA-74LVT162244BDGG Datasheet
214Kb / 11P
   3.3 V 16-bit buffer/driver with 30 Ω termination resistors; 3-state
Rev. 5 - 6 August 2021
logo
NXP Semiconductors
74LVT162244BDL PHILIPS-74LVT162244BDL Datasheet
77Kb / 10P
   3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com