전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC157A 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74LVC157A
상세설명  Quad 2-input multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC157A 데이터시트(HTML) 2 Page - NXP Semiconductors

  74LVC157A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVC157A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVC157A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVC157A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVC157A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC157A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC157A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC157A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC157A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74LVC157A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 25 November 2011
2 of 17
NXP Semiconductors
74LVC157A
Quad 2-input multiplexer
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC157AD
40 Cto +125 C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74LVC157ADB
40 Cto +125 C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74LVC157APW
40 Cto +125 C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74LVC157ABQ
40 Cto +125 C
DHVQFN16 plastic dual In-line compatible thermal enhanced very
thin quad flat package; no leads; 16 terminals;
body 2.5
 3.5  0.85 mm
SOT763-1
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna481
S
1
15
12
9
7
4
13
14
10
11
6
5
3
2
E
1Y
1I1
1I0
2Y
2I1
2I0
3Y
3I1
3I0
4Y
4I1
4I0
mna482
12
9
7
1
G1
15
EN
1
MUX
1
4
13
14
10
11
6
5
3
2
Fig 3.
Functional diagram
mna483
MULTIPLEXER
OUTPUTS
SELECTOR
1Y
2Y
3Y
4Y
12
9
7
4
S
13
15
1
14
10
11
6
5
3
2
E
1I0
1I1
2I0
2I1
3I0
3I1
4I0
4I1


유사한 부품 번호 - 74LVC157A_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVC157A-Q100 NEXPERIA-74LVC157A-Q100 Datasheet
720Kb / 17P
   Quad 2-input multiplexer
logo
NXP Semiconductors
74LVC157ABQ PHILIPS-74LVC157ABQ Datasheet
111Kb / 17P
   Quad 2-input multiplexer
2003 Dec 02
logo
Nexperia B.V. All right...
74LVC157ABQ NEXPERIA-74LVC157ABQ Datasheet
254Kb / 15P
   Quad 2-input multiplexer
Rev. 10 - 20 September 2021
74LVC157ABQ-Q100 NEXPERIA-74LVC157ABQ-Q100 Datasheet
720Kb / 17P
   Quad 2-input multiplexer
logo
NXP Semiconductors
74LVC157AD PHILIPS-74LVC157AD Datasheet
111Kb / 17P
   Quad 2-input multiplexer
2003 Dec 02
More results

유사한 설명 - 74LVC157A_15

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com