전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFB3006PBF 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRFB3006PBF
상세설명  Hard Switched and High Frequency Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFB3006PBF 데이터시트(HTML) 5 Page - International Rectifier

  IRFB3006PBF_15 Datasheet HTML 1Page - International Rectifier IRFB3006PBF_15 Datasheet HTML 2Page - International Rectifier IRFB3006PBF_15 Datasheet HTML 3Page - International Rectifier IRFB3006PBF_15 Datasheet HTML 4Page - International Rectifier IRFB3006PBF_15 Datasheet HTML 5Page - International Rectifier IRFB3006PBF_15 Datasheet HTML 6Page - International Rectifier IRFB3006PBF_15 Datasheet HTML 7Page - International Rectifier IRFB3006PBF_15 Datasheet HTML 8Page - International Rectifier IRFB3006PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
April 23, 2014
IRFB3006PbF
Fig 13. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 14. Typical Avalanche Current vs.Pulsewidth
Fig 15. Maximum Avalanche Energy vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 14, 15:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a temperature far in
excess of Tjmax. This is validated for every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is not exceeded.
3. Equation below based on circuit and waveforms shown in Figures 16a, 16b.
4. PD (ave) = Average power dissipation per single avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase
during avalanche).
6. Iav = Allowable avalanche current.
7.
ΔT = Allowable rise in junction temperature, not to exceed Tjmax (assumed as
25°C in Figure 14, 15).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see Figures 13)
PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC
Iav = 2
DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Ri (°C/W)
τι (sec)
0.175365 0.000343
0.22547 0.006073
τJ
τJ
τ1
τ1
τ2
τ2
R1
R1
R2
R2
τC
C
Ci=
τi/Ri
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
1
10
100
1000
0.05
Duty Cycle = Single Pulse
0.10
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
ΔΤ j = 25°C and
Tstart = 150°C.
0.01
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
ΔTj = 150°C and
Tstart =25°C (Single Pulse)
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
100
200
300
400
TOP
Single Pulse
BOTTOM 1% Duty Cycle
ID = 170A


유사한 부품 번호 - IRFB3006PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFB3006PBF IRF-IRFB3006PBF Datasheet
302Kb / 8P
   HEXFETPower MOSFET
More results

유사한 설명 - IRFB3006PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFB3407ZPBF IRF-IRFB3407ZPBF Datasheet
249Kb / 8P
   Hard Switched and High Frequency Circuits
logo
Shenzhen Huazhimei Semi...
HM30N02D HMSEMI-HM30N02D Datasheet
867Kb / 6P
   Hard switched and high frequency circuits
HM45N02D HMSEMI-HM45N02D Datasheet
1Mb / 6P
   Hard switched and high frequency circuits
HM85N02 HMSEMI-HM85N02 Datasheet
841Kb / 6P
   Hard switched and high frequency circuits
logo
Analog Devices
AN-345 AD-AN-345 Datasheet
461Kb / 4P
   GROUNDING FOR LOW-AND HIGH-FREQUENCY CIRCUITS
logo
Power System Technology
FAB1204020 PST-FAB1204020 Datasheet
534Kb / 4P
   Industrial and hard environment
FAB0910001 PST-FAB0910001 Datasheet
649Kb / 3P
   Avionic and hard environment
FAB0706006 PST-FAB0706006 Datasheet
782Kb / 4P
   Industrial and hard environment
FAB0801004 PST-FAB0801004 Datasheet
279Kb / 3P
   Avionic and hard environment
logo
Intersil Corporation
ISL70001SEH INTERSIL-ISL70001SEH Datasheet
587Kb / 17P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com