전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFB5615PBF 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRFB5615PBF
상세설명  Key Parameters Optimized for Class-D Audio Amplifier Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFB5615PBF 데이터시트(HTML) 7 Page - International Rectifier

  IRFB5615PBF_15 Datasheet HTML 1Page - International Rectifier IRFB5615PBF_15 Datasheet HTML 2Page - International Rectifier IRFB5615PBF_15 Datasheet HTML 3Page - International Rectifier IRFB5615PBF_15 Datasheet HTML 4Page - International Rectifier IRFB5615PBF_15 Datasheet HTML 5Page - International Rectifier IRFB5615PBF_15 Datasheet HTML 6Page - International Rectifier IRFB5615PBF_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IRFB5615PbF
www.irf.com
7
TO-220AB Part Marking Information
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
DIU@SI6UDPI6G
Q6SUÃIVH7@S
S@8UDAD@S
GPUÃ8P9@
6TT@H7G`
GPBP
`@6SÃÃ2Ã!
96U@Ã8P9@
X@@FÃ (
GDI@Ã8
GPUÃ8P9@Ã &'(
@Y6HQG@) UCDTÃDTÃ6IÃDSA  Ã
I‚‡r)ÃÅQÅÃvÃh††r€iy’Ãyvr†v‡v‚
vqvph‡r†ÃÅGrhqÃÃA…rrÅ
DIÃUC@Ã6TT@H7G`ÃGDI@ÃÅ8Å
6TT@H7G@9ÃPIÃXXÃ (Ã!
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
TO-220AB packages are not recommended for Surface Mount Application.
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 09/2008


유사한 부품 번호 - IRFB5615PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFB5615PBF IRF-IRFB5615PBF Datasheet
277Kb / 7P
   DIGITAL AUDIO MOSFET
More results

유사한 설명 - IRFB5615PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7665S2PBF IRF-IRF7665S2PBF Datasheet
253Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
IRFS5615PBF IRF-IRFS5615PBF_15 Datasheet
351Kb / 9P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
logo
Kersemi Electronic Co.,...
IRFB4212 KERSEMI-IRFB4212 Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
IRFB4212PBF KERSEMI-IRFB4212PBF Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
logo
International Rectifier
IRFS4020PBF IRF-IRFS4020PBF_15 Datasheet
337Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
IRFB5620PBF IRF-IRFB5620PBF_15 Datasheet
274Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB4020PBF IRF-IRFB4020PBF_15 Datasheet
647Kb / 8P
   Key parameters optimized for Class-D audio amplifier applications
IRFB4212PBF IRF-IRFB4212PBF_15 Datasheet
298Kb / 8P
   Key parameters optimized for Class-D audio amplifier applications
logo
Kersemi Electronic Co.,...
IRFB4019PBF KERSEMI-IRFB4019PBF Datasheet
831Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB4019 KERSEMI-IRFB4019 Datasheet
831Kb / 7P
   Key Parameters Optimized for Class-D Audio
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com