전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD4C542 데이터시트(PDF) 1 Page - Solid State Optronic

부품명 AD4C542
상세설명  Low Input Control Current (2.5mA TYP)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSOUSA [Solid State Optronic]
홈페이지  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C542 데이터시트(HTML) 1 Page - Solid State Optronic

  AD4C542 Datasheet HTML 1Page - Solid State Optronic AD4C542 Datasheet HTML 2Page - Solid State Optronic AD4C542 Datasheet HTML 3Page - Solid State Optronic AD4C542 Datasheet HTML 4Page - Solid State Optronic AD4C542 Datasheet HTML 5Page - Solid State Optronic AD4C542 Datasheet HTML 6Page - Solid State Optronic AD4C542 Datasheet HTML 7Page - Solid State Optronic AD4C542 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
AD4C542 H/S/TR
Rev 2.00 (11/25/2013)
001748
Page 1 of 8
AD4C542
Dual 1 Form B
60V / 2Ω
MOSFET Output Solid State Relay
Description
The AD4C542 is composed of two distinct 1 Form B
(normally closed) relays in one compact 8 pin DIP package.
Each relay consists of an AlGaAs LED optically coupled to
a Photo Diode Array, driving a pair of rugged source-to-
source depletion type DMOS transistors. The output MOS
transistors are protected with free-wheeling diodes that can
handle up to 1.5A of inrush current, making the relay ideal
for switching lamps and highly inductive loads.
The AD4C542 comes standard in a compact 8 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Meter Reading Systems
Multiplexers
Data Acquisition
Medical Equipment
Battery Monitoring
Home / Safety Security Systems
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..800mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
AD4C542
8 pin DIP, (50/Tube)
AD4C542-H
5kVRMS Viso, 8 pin DIP, (50/Tube)
AD4C542-S
8 pin SMD, (50/Tube)
AD4C542-HS
5kVRMS, 8 pin SMD, (50/Tube)
AD4C542-STR
8 pin SMD, Tape and Reel (1000/Reel)
AD4C542-HSTR 5kVRMS, 8 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
 Low Input Control Current (2.5mA TYP)
 300mA Maximum Continuous Load Current (per Channel)
 Low On Resistance (1Ω TYP)
 High Isolation Voltage (up to 5kVRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant
1
2
3
6
7
8
(+) Input 1
(-) Input 1
(+) Input 2
(+/-) Load 2
(-/+) Load 1
(+/-) Load 1
AD4C542
4
5
(-) Input 2
(-/+) Load 2


유사한 부품 번호 - AD4C542

제조업체부품명데이터시트상세설명
logo
Solid State Optronic
AD4C541 SSOUSA-AD4C541 Datasheet
215Kb / 5P
   Dual 1 Form A Solid State Relay
AD4C543 SSOUSA-AD4C543 Datasheet
358Kb / 9P
   Low Input Control Current (2.5mA TYP)
More results

유사한 설명 - AD4C542

제조업체부품명데이터시트상세설명
logo
Solid State Optronic
AD4C742 SSOUSA-AD4C742 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD4C543 SSOUSA-AD4C543 Datasheet
358Kb / 9P
   Low Input Control Current (2.5mA TYP)
AD4C312 SSOUSA-AD4C312 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD6C311 SSOUSA-AD6C311_15 Datasheet
339Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD6C941 SSOUSA-AD6C941 Datasheet
347Kb / 8P
   Low Input Control Current (1mA TYP)
SMA4123 SSOUSA-SMA4123 Datasheet
238Kb / 6P
   Low Input Control Current (1.5mA TYP)
AD4C113 SSOUSA-AD4C113_15 Datasheet
351Kb / 9P
   Low Input Control Current (1.5mA TYP)
AD2C211-L SSOUSA-AD2C211-L Datasheet
325Kb / 8P
   Low Input Control Current (3mA TYP)
AD6C111 SSOUSA-AD6C111_15 Datasheet
339Kb / 8P
   Low Input Control Current (1.75mA TYP)
logo
Leshan Radio Company
LR339 LRC-LR339_15 Datasheet
134Kb / 6P
   Low input biasing current: 25nA(Typ.)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com