전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC1212 데이터시트(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 2SC1212
상세설명  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SC1212 데이터시트(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SC1212_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC1212_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC1212_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC1212_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JMnic
Product Specification
2
Silicon NPN Power Transistors
2SC1212 2SC1212A
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SC1212
50
V(BR)CEO
Collector-emitter
breakdown voltage
2SC1212A
IC=10mA ;RBE=∞
80
V
2SC1212
50
V(BR)CBO
Collector-base
breakdown voltage
2SC1212A
IC=1mA ;IE=0
80
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA ;IC=0
4
V
VCEsat
Collector-emitter saturation voltage
IC=1A ;IB=0.1A
1.5
V
VBE
Base-emitter voltage
IC=50mA ; VCE=4V
1.0
V
ICBO
Collector cut-off current
VCB=50V; IE=0
5
μA
hFE-1
DC current gain
IC=50mA ; VCE=4V
60
200
hFE-2
DC current gain
IC=1A ; VCE=4V
20
fT
Transition frequency
IC=30mA ; VCE=4V
160
MHz
hFE-1 Classifications
B
C
60-120
100-200


유사한 부품 번호 - 2SC1212_15

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SC1212A HITACHI-2SC1212A Datasheet
29Kb / 5P
   Silicon NPN Epitaxial
logo
Savantic, Inc.
2SC1212A SAVANTIC-2SC1212A Datasheet
104Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC1212A JMNIC-2SC1212A Datasheet
185Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC1212A ISC-2SC1212A Datasheet
159Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC1212A SAVANTIC-2SC1212A Datasheet
106Kb / 4P
   Silicon NPN Power Transistors
More results

유사한 설명 - 2SC1212_15

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com