전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

932SQ420D 데이터시트(PDF) 6 Page - Integrated Device Technology

부품명 932SQ420D
상세설명  64-pin TSSOP and MLF packages
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQ420D 데이터시트(HTML) 6 Page - Integrated Device Technology

Back Button 932SQ420D Datasheet HTML 2Page - Integrated Device Technology 932SQ420D Datasheet HTML 3Page - Integrated Device Technology 932SQ420D Datasheet HTML 4Page - Integrated Device Technology 932SQ420D Datasheet HTML 5Page - Integrated Device Technology 932SQ420D Datasheet HTML 6Page - Integrated Device Technology 932SQ420D Datasheet HTML 7Page - Integrated Device Technology 932SQ420D Datasheet HTML 8Page - Integrated Device Technology 932SQ420D Datasheet HTML 9Page - Integrated Device Technology 932SQ420D Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
932SQ420D
PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
IDT®
PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
6
932SQ420D
REV J 010715
Pin Descriptions - 64 MLF
PIN #
PIN NAME
TYPE
D ESC RIPTION
1
GNDPCI
PWR Ground pin for PCI outputs and logic.
2
VDDPC I
PWR 3.3V power for the PCI outputs and logic
3
PCI4_2x
OUT 3.3V PCI clock output
4
PCI3_2x
OUT 3.3V PCI clock output
5
PCI2_2x
OUT 3.3V PCI clock output
6
PCI1_2x
OUT 3.3V PCI clock output
7
PCI0_2x
OUT 3.3V PCI clock output
8
GNDPCI
PWR Ground pin for PCI outputs and logic.
9
VDDPC I
PWR 3.3V power for the PCI outputs and logic
10
VDD48
PWR 3.3V power for the 48MHz output and logic
11
^48M_2x/100M_133M#
I/O
3.3V 48MHz output/ 3.3V tolerant CPU frequency select latched input pin. See VilFS and VihFS values for
thresholds. This pin has a weak (~120Kom) internal pull up.
1 = 100MHz, 0 = 133MHz operating frequency
12
GND48
PWR Ground pin for 48MH z output and logic.
13
GND96
PWR Ground pin for DOT96 output and logic.
14
DOT96T
OUT
True clock of differential 96MHz output. These are current mode outputs. These are current mode outputs
and external 33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.
15
DOT96C
OUT
Complementary clock of differential 96MHz output. These are current mode outputs and external 33 ohm
series resistors and 49.9 ohm shunt resistors are required for termination.
16
AVDD96
PWR 3.3V power for the 48/96MHz PLL and the 96MHz output and logic
17
TEST_MOD E
IN
TEST_MODE is a real time input to select between Hi-Z and REF/N divider mode while in test mode. Refer to
Test Clarification Table.
18
CKPWRGD#/PD
IN
CKPWRGD# is an active low input used to sample latched inputs and allow the device to Power Up. PD is an
asynchronous active high input pin used to put the device into a low power state. The internal clocks and PLLs
are stopped.
19
VDDSR C
PWR 3.3V power for the SRC outputs and logic
20
SRC0T
OUT
True clock of differential SRC output. These are current mode outputs. These are current mode outputs and
external 33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.
21
SRC0C
OUT
Complementary clock of differential SRC output. These are current mode outputs and external 33 ohm
series resistors and 49.9 ohm shunt resistors are required for termination.
22
GNDSRC
PWR Ground pin for SRC outputs and logic.
23
SRC1C
OUT
Complementary clock of differential SRC output. These are current mode outputs and external 33 ohm series
resistors and 49.9 ohm shunt resistors are required for termination.
24
SRC1T
OUT
True clock of differential SRC output. These are current mode outputs. These are current mode outputs and
external 33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.
25
SRC2C
OUT
Complementary clock of differential SRC output. These are current mode outputs and external 33 ohm series
resistors and 49.9 ohm shunt resistors are required for termination.
26
SRC2T
OUT
True clock of differential SRC output. These are current mode outputs. These are current mode outputs and
external 33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.
27
VDDSR C
PWR 3.3V power for the SRC outputs and logic
28
AVDD_SRC
PWR 3.3V power for the SRC PLL analog circuits
29
GNDSRC
PWR Ground pin for SRC outputs and logic.
30
IR EF
OUT
This pin establishes the reference current for the differential current-mode output pairs. This pin requires a
fixed precision resistor tied to ground in order to establish the appropriate current. 475 ohms is the standard
value.
31
NS_SRC0C
OUT
Complementary clock of differential non-spreading SR C output. These are current mode outputs and external
33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.
32
NS_SRC0T
OUT
True clock of differential non-spreading SRC output. These are current mode outputs. These are current
mode outputs and external 33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.
33
NS_SRC1C
OUT
Complementary clock of differential non-spreading SR C output. These are current mode outputs and external
33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.
34
NS_SRC1T
OUT
True clock of differential non-spreading SR C output. These are current mode outputs. These are current
mode outputs and external 33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.


유사한 부품 번호 - 932SQ420D

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
932SQ420D RENESAS-932SQ420D Datasheet
616Kb / 29P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV J 010715
932SQ420DGLF RENESAS-932SQ420DGLF Datasheet
616Kb / 29P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV J 010715
logo
Integrated Device Techn...
932SQ420DGLFT IDT-932SQ420DGLFT Datasheet
412Kb / 27P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
logo
Renesas Technology Corp
932SQ420DGLFT RENESAS-932SQ420DGLFT Datasheet
616Kb / 29P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV J 010715
932SQ420DKLF RENESAS-932SQ420DKLF Datasheet
616Kb / 29P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV J 010715
More results

유사한 설명 - 932SQ420D

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
932SQ426 IDT-932SQ426 Datasheet
379Kb / 25P
   64-pin TSSOP and VFQFPN packages
logo
Integrated Circuit Syst...
9DBL411B ICST-9DBL411B Datasheet
90Kb / 9P
   20-pin MLF or TSSOP packaging
logo
Estek Electronics Co. L...
24C02 ESTEK-24C02 Datasheet
1Mb / 13P
   8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
Integrated Device Techn...
IDT5V41067A IDT-IDT5V41067A Datasheet
194Kb / 13P
   20-pin TSSOP package
IDT5V41068A IDT-IDT5V41068A Datasheet
185Kb / 13P
   16-pin TSSOP package
logo
International Rectifier
TSSOP-14PIN IRF-TSSOP-14PIN Datasheet
19Kb / 1P
   TSSOP Package 14-Pin
logo
HALO Electronics, Inc.
LD01-0506KRL HALO-LD01-0506KRL Datasheet
508Kb / 2P
   16 Pin DIP and SMD Packages
logo
STMicroelectronics
TN1208 STMICROELECTRONICS-TN1208 Datasheet
748Kb / 13P
   Tape and reel shipping media for STM8 and STM32 microcontrollers in TSSOP and SSOP packages
logo
Integrated Device Techn...
ICS650-41 IDT-ICS650-41 Datasheet
228Kb / 11P
   Packaged in 16-pin TSSOP
ICS650-44 IDT-ICS650-44 Datasheet
227Kb / 11P
   Packaged in 16-pin TSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com