전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6C011 데이터시트(PDF) 3 Page - Solid State Optronic

부품명 AD6C011
상세설명  High Blocking Voltage (800V)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSOUSA [Solid State Optronic]
홈페이지  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD6C011 데이터시트(HTML) 3 Page - Solid State Optronic

  AD6C011 Datasheet HTML 1Page - Solid State Optronic AD6C011 Datasheet HTML 2Page - Solid State Optronic AD6C011 Datasheet HTML 3Page - Solid State Optronic AD6C011 Datasheet HTML 4Page - Solid State Optronic AD6C011 Datasheet HTML 5Page - Solid State Optronic AD6C011 Datasheet HTML 6Page - Solid State Optronic AD6C011 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AD6C011
1 Form A
800V / 35Ω
MOSFET Output Solid State Relay
© 2011 Solid State Optronics • San Jośe, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 7
AD6C011/S/TR
Rev 2.00 (06/20/2011)
AD6C011 Performance & Characteristics Plots, TA = 25°C (unless otherwise specified)
AD6C011: Typical Turn-On Time Distribution
(N = 100, T
a = 25º C)
0
10
20
30
40
50
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
Turn- o n Tim e ( m s)
AD6C011: Typical Turn-Off Time Distribution
(N = 100, T
a = 25º C)
0
10
20
30
40
50
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
T urn-Off T ime ( m s)
AD6C011: Typical On-Resistance Distribution
(N = 100, T
a = 25º C)
0
10
20
30
40
50
31
32
33
34
35
36
37
38
O n-R es is t a nc e ( Ω)
AD6C011: Typical Output Leakage Current
Distribution
(N = 100, T
a = 25º C)
0
10
20
30
40
50
60
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
Leakage C urrent (µA )
AD6C011: Typical Blocking Voltage Distribution
(N = 100, T
a = 25º C)
0
10
20
30
40
50
820
830
840
850
860
870
880
890
B lo cking Vo lt age (V B )
AD6C011: Maximum Load Current vs.
Temperature
0
20
40
60
80
100
120
-40
-20
0
20
406080
100
T e mperat ure (ºC )


유사한 부품 번호 - AD6C011

제조업체부품명데이터시트상세설명
logo
Solid State Optronic
AD6C010 SSOUSA-AD6C010 Datasheet
249Kb / 7P
   High Blocking Voltage (1200V)
More results

유사한 설명 - AD6C011

제조업체부품명데이터시트상세설명
logo
Solid State Optronic
S942 SSOUSA-S942 Datasheet
248Kb / 7P
   High Blocking Voltage (800V MIN)
STZ8082 SSOUSA-STZ8082 Datasheet
400Kb / 9P
   High Blocking Voltage
STZ8062 SSOUSA-STZ8062 Datasheet
400Kb / 9P
   High Blocking Voltage
AD4C101 SSOUSA-AD4C101 Datasheet
224Kb / 5P
   High Blocking Voltage (600V)
logo
NXP Semiconductors
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
   High blocking voltage capability
Rev. 5-23 March 2011
logo
Solid State Optronic
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
   High Blocking Voltage (600V)
AD6C010 SSOUSA-AD6C010 Datasheet
249Kb / 7P
   High Blocking Voltage (1200V)
STR8062 SSOUSA-STR8062 Datasheet
357Kb / 8P
   High Blocking Voltage (600V)
AD6C101 SSOUSA-AD6C101_15 Datasheet
212Kb / 5P
   High Blocking Voltage (600V)
AD4C201 SSOUSA-AD4C201 Datasheet
298Kb / 8P
   High Blocking Voltage (600V)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com