전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GMA15Y88 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 GMA15Y88
상세설명  1.5inch 8x8 Dot Matrix
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

GMA15Y88 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  GMA15Y88 Datasheet HTML 1Page - List of Unclassifed Manufacturers GMA15Y88 Datasheet HTML 2Page - List of Unclassifed Manufacturers GMA15Y88 Datasheet HTML 3Page - List of Unclassifed Manufacturers GMA15Y88 Datasheet HTML 4Page - List of Unclassifed Manufacturers GMA15Y88 Datasheet HTML 5Page - List of Unclassifed Manufacturers GMA15Y88 Datasheet HTML 6Page - List of Unclassifed Manufacturers GMA15Y88 Datasheet HTML 7Page - List of Unclassifed Manufacturers GMA15Y88 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GMZ15XX88_series
1.5” 8x8 Dot Matrix
Product: GMZ15XX88_series
Date: 07/13/2011
Page 4 of 8
Version# 1.2
Characteristic Curves:
InGaN


유사한 부품 번호 - GMA15Y88

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GMA15Y88 ETC2-GMA15Y88 Datasheet
319Kb / 8P
   1.5??8x8 Dot Matrix
More results

유사한 설명 - GMA15Y88

제조업체부품명데이터시트상세설명
logo
China Semiconductor Cor...
CSM-88191VM9 CHINASEMI-CSM-88191VM9 Datasheet
273Kb / 8P
   1.5Inch Dot-Matrix Display
logo
List of Unclassifed Man...
GMC24IB88 ETC2-GMC24IB88 Datasheet
333Kb / 8P
   2.4??8x8 Dot Matrix
GMC15IB88 ETC2-GMC15IB88 Datasheet
319Kb / 8P
   1.5??8x8 Dot Matrix
GMC24IB88 ETC1-GMC24IB88 Datasheet
333Kb / 8P
   2.4inch 8x8 Dot Matrix
logo
LIGITEK electronics co....
LSD1525-6EGR-XX-PF LIGITEK-LSD1525-6EGR-XX-PF Datasheet
154Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY (1.5Inch)
logo
Marktech Corporate
MTAN2123-11A MARKTECH-MTAN2123-11A Datasheet
46Kb / 1P
   Marktech 2.30 8x8 Dot Matrix
logo
China Semiconductor Cor...
CSM-88261EG CHINASEMI-CSM-88261EG Datasheet
270Kb / 7P
   2.3Inch 8X8 Dot-Matrix Display
logo
QT Optoelectronics
GMA2888C QT-GMA2888C Datasheet
595Kb / 7P
   2.3 8X8 DOT MATRIX DISPLAYS
logo
Marktech Corporate
MTAN2115-11A MARKTECH-MTAN2115-11A Datasheet
47Kb / 1P
   Marktech 1.50 8x8 Dot Matrix
MTAN7185M2-11BW MARKTECH-MTAN7185M2-11BW Datasheet
86Kb / 1P
   Marktech 0.85 8x8 Dot Matrix
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com