전자부품 데이터시트 검색엔진 |
|
MAX4501 데이터시트(PDF) 2 Page - Maxim Integrated Products |
|
MAX4501 데이터시트(HTML) 2 Page - Maxim Integrated Products |
2 / 8 page Low-Voltage, SPST, CMOS Analog Switches 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS—+5V Supply (V+ = +4.5V to +5.5V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. (Voltages Referenced to GND) V+ ...........................................................................-0.3V to +13V Voltage into Any Terminal (Note 1) ..........-0.3V to (V+ + 0.3V) or ±10mA (whichever occurs first) Continuous Current into Any Terminal..............................±10mA Peak Current, NO or COM (pulsed at 1ms, 10% duty cycle)..................................±20mA ESD per Method 3015.7 ..................................................>2000V Continuous Power Dissipation (TA = +70°C) 5-Pin SC70-5 (derate 2.5mW/°C above +70°C)...........200mW 5-Pin SOT23-5 (derate 7.1mW/°C above +70°C) ........571mW 8-Pin SO (derate 5.88mW/°C above +70°C)................471mW 8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ...727mW 8-Pin CERDIP (derate 8.00mW/°C above +70°C)........640mW Operating Temperature Ranges MAX4501C_ _/MAX4502C_ _ .............................0°C to +70°C MAX4501E_ _/MAX4502E_ _ ...........................-40°C to +85°C MAX4501MJA/MAX4502MJA ........................-55°C to +125°C Storage Temperature Range .............................-65°C to +150°C Lead Temperature (soldering, 10s) .................................+300°C VIN = V+, 0 V+ = 5.5V, VCOM = 1V, VNO or VNC = 4.5V CONDITIONS -1 0.01 1 90 250 V 0V+ VCOM, VNO, VNC Analog Signal Range 16 75 µA -1 0.03 1 IINH, IINL Input Current Logic High or Low V 0 0.8 VINL Input Logic Low -10 10 nA -100 100 INO(OFF), INC(OFF) NO or NC Off-Leakage Current (Notes 3, 4) V 2.4 V+ VINH Input Logic High UNITS MIN TYP MAX SYMBOL PARAMETER Note 1: Voltages exceeding V+ or GND on any signal terminal are clamped by internal diodes. Limit forward-diode current to maximum current rating. VCOM = 3.5V, ICOM = 1mA Ω 350 RON COM to NO or NC On-Resistance TA = +25°C TA = TMIN to TMAX TA = +25°C TA = TMIN to TMAX C, E M C, E TA = +25°C M V+ = 5.5V, VCOM = 1V, VNO or VNC = 4.5V TA = TMIN to TMAX -1 0.01 1 -10 10 nA -100 100 ICOM(OFF) COM Off-Leakage Current (Notes 3, 4) C, E TA = +25°C M V+ = 5.5V, VCOM = 1V, 4.5V TA = TMIN to TMAX -2 0.01 2 -20 20 nA -200 200 ICOM(ON) COM On-Leakage Current (Notes 3, 4) VNO = VNC = 1.5V, VIN = 3V, RL = 1k Ω, CL = 35pF, Figure 1 ns 150 tON Turn-On Time TA = +25°C TA = TMIN to TMAX VNO = VNC = 1.5V, VIN = 3V, RL = 1k Ω, CL = 35pF, Figure 1 TA = +25°C TA = TMIN to TMAX ns 150 tOFF Turn-Off Time 10 50 ANALOG SWITCH DIGITAL I/O SWITCH DYNAMIC CHARACTERISTICS |
유사한 부품 번호 - MAX4501 |
|
유사한 설명 - MAX4501 |