전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL432KA3 데이터시트(PDF) 7 Page - Cystech Electonics Corp.

부품명 TL432KA3
상세설명  Adjustable shunt regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TL432KA3 데이터시트(HTML) 7 Page - Cystech Electonics Corp.

Back Button TL432KA3 Datasheet HTML 3Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 4Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 5Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 6Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 7Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 8Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 9Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 10Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 11Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C112A3
Issued Date : 2015.09.10
Revised Date :
Page No. : 7/13
TL432KA3/N3/M3
CYStek Product Specification
Test Circuit-Small-Signal Gain and Phase
Test Circuit-Stability
15k
8.25k
PL432
232
Iz
OUT
GND
10£gF
TL432
Applications Information - Stability
Selection of load capacitance when using TL432K as a shunt regulator
When the TL432K is used as a shunt regulator, two options for selection of CL(see diagram on page 6)
are recommended for optimal stability:
1) No load capacitance across the device, decouple at the load.
2) Large capacitance across the device, optimal decoupling at the load.
The reason for this is that TL432K exhibits instability with capacitances in the range of 47nF to 1μF
(approx.) at light cathode currents(up to 0.5mA typical). The device is less stable the lower the cathode
voltage has been set for. Therefore while the device will be perfectly stable operating at a cathode
current of (say) 10mA with a 0.1μF capacitor across it, it will oscillate transiently during start-up as the
cathode current passes through the instability region. Selecting a very low (or preferably, no) capaci-
tance, or alternatively a high capacitance(such as 10μF) will avoid this issue altogether. Since the user
will probably wish to have local decoupling at the load anyway, the most cost effective method is to use
no capacitance at all directly across the device. PCB trace/via resistance and inductance prevent the
local load decoupling from causing the oscillation during the transient start-up phase.
Note : if the TL432K is located right at the load, so the load decoupling capacitor is directly across it,
then this capacitor will have to be ≤1nF or ≥10μF.


유사한 부품 번호 - TL432KA3

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
TL432K SECOS-TL432K Datasheet
668Kb / 5P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432K3 CYSTEKEC-TL432K3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
TL432K3-A-BK-G CYSTEKEC-TL432K3-A-BK-G Datasheet
355Kb / 15P
   Adjustable shunt regulator
TL432K3-A-TB-G CYSTEKEC-TL432K3-A-TB-G Datasheet
355Kb / 15P
   Adjustable shunt regulator
TL432K3-B-BK-G CYSTEKEC-TL432K3-B-BK-G Datasheet
355Kb / 15P
   Adjustable shunt regulator
More results

유사한 설명 - TL432KA3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com