전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL432KA3 데이터시트(PDF) 8 Page - Cystech Electonics Corp.

부품명 TL432KA3
상세설명  Adjustable shunt regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TL432KA3 데이터시트(HTML) 8 Page - Cystech Electonics Corp.

Back Button TL432KA3 Datasheet HTML 4Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 5Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 6Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 7Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 8Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 9Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 10Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 11Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 12Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C112A3
Issued Date : 2015.09.10
Revised Date :
Page No. : 8/13
TL432KA3/N3/M3
CYStek Product Specification
TO-92 Taping Outline
Millimeters
DIM
Item
Min.
Max.
A
Component body height
4.33
4.83
D
Tape Feed Diameter
3.80
4.20
D1
Lead Diameter
0.36
0.53
D2
Component Body Diameter
4.33
4.83
F1,F2
Component Lead Pitch
2.40
2.90
F1,F2
F1-F2
-
±0.3
H
Height Of Seating Plane
15.50
16.50
H1
Feed Hole Location
8.50
9.50
H2
Front To Rear Deflection
-
1
H2A
Deflection Left Or Right
-
1
H3
Component Height
-
27
H4
Feed Hole To Bottom Of Component
-
21
L
Lead Length After Component Removal
-
11
L1
Lead Wire Enclosure
2.50
-
P
Feed Hole Pitch
12.50
12.90
P1
Center Of Seating Plane Location
5.95
6.75
P2
4 Feed Hole Pitch
50.30
51.30
T
Over All Tape Thickness
-
0.55
T1
Total Taped Package Thickness
-
1.42
T2
Carrier Tape Thickness
0.36
0.68
W
Tape Width
17.50
19.00
W1
Adhesive Tape Width
5.00
7.00
-
20 pcs Pitch
253
255
H2A
H2A
H2
H2
D2
A
H
W
W1
H3
H4
H1
L1
L
P2
P
P1
F1F2
D1
D
T2
T
T1


유사한 부품 번호 - TL432KA3

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
TL432K SECOS-TL432K Datasheet
668Kb / 5P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432K3 CYSTEKEC-TL432K3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
TL432K3-A-BK-G CYSTEKEC-TL432K3-A-BK-G Datasheet
355Kb / 15P
   Adjustable shunt regulator
TL432K3-A-TB-G CYSTEKEC-TL432K3-A-TB-G Datasheet
355Kb / 15P
   Adjustable shunt regulator
TL432K3-B-BK-G CYSTEKEC-TL432K3-B-BK-G Datasheet
355Kb / 15P
   Adjustable shunt regulator
More results

유사한 설명 - TL432KA3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com