전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC2272A-Q1 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TLC2272A-Q1
상세설명  ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TLC2272A-Q1 데이터시트(HTML) 3 Page - Texas Instruments

  TLC2272A-Q1 Datasheet HTML 1Page - Texas Instruments TLC2272A-Q1 Datasheet HTML 2Page - Texas Instruments TLC2272A-Q1 Datasheet HTML 3Page - Texas Instruments TLC2272A-Q1 Datasheet HTML 4Page - Texas Instruments TLC2272A-Q1 Datasheet HTML 5Page - Texas Instruments TLC2272A-Q1 Datasheet HTML 6Page - Texas Instruments TLC2272A-Q1 Datasheet HTML 7Page - Texas Instruments TLC2272A-Q1 Datasheet HTML 8Page - Texas Instruments TLC2272A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
TLC2272-Q1 , TLC2272A-Q1
TLC2274-Q1, TLC2274A-Q1
www.ti.com
SGLS007E
– FEBRUARY 2003 – REVISED JANUARY 2012
Actual Device Component Count(1)
COMPONENT
TLC2272
TLC2274
Transistors
38
76
Resistors
26
52
Diodes
9
18
Capacitors
3
6
(1)
Includes both amplifiers and all ESD, bias, and trim circuitry
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VDD+
Supply voltage(2)
8
V
VDD−
Supply voltage(2)
−8
V
VID
Differential input voltage(3)
±16
V
VI
Input voltage range(2)
Any input
VDD− − 0.3 to VDD+
V
II
Input current
Any input
±5
mA
IO
Output current
±50
mA
Total current into VDD+
±50
mA
Total current out of VDD−
±50
mA
Duration of short-circuit current at (or below) 25
°C(4)
unlimited
Continuous total dissipation
See Dissipation Ratings
TA
Operating free-air temperature range
-40
°C to 125°C
°C
Tstg
Storage temperature range
−65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
D or PW package
260
°C
(1)
Stresses beyond those listed under
“absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating
conditions
” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to the midpoint between VDD+ and VDD −.
(3)
Differential voltages are at IN+ with respect to IN −. Excessive current will flow if input is brought below VDD− − 0.3 V.
(4)
The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure that the maximum dissipation
rating is not exceeded.
DISSIPATION RATINGS
DERATING
TA ≤ 25°C
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
FACTOR
POWER RATING
POWER RATING
POWER RATING
POWER RATING
ABOVE TA = 25°C
D-8
725 mW
5.8 mW/
°C
464 mW
337 mW
145 mW
D-14
950 mW
7.6 mW/
°C
608 mW
494 mW
190 mW
D-14
525 mW
4.2 mW/
°C
336 mW
273 mW
105 mW
D-14
700 mW
5.6 mW/
°C
448 mW
364 mW
-
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD±
Supply voltage
±2.2
±8
V
VI
Input voltage
VDD−
VDD+ −1.5
V
VIC
Common-mode input voltage
VDD−
VDD+ −1.5
V
TA
Operating free-air temperature
−40
125
°C
Copyright
© 2003–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLC2272-Q1 TLC2272A-Q1 TLC2274-Q1 TLC2274A-Q1


유사한 부품 번호 - TLC2272A-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC2272A-Q1 TI1-TLC2272A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI1-TLC2272A-Q1 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2272A-Q1 TI1-TLC2272A-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS Rail-To-Rail Operational Amplifiers
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
2Mb / 55P
[Old version datasheet]   TLC227x, TLC227xA: Advanced LinCMOS Rail-to-Rail Operational Amplifiers
More results

유사한 설명 - TLC2272A-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com