전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRHNA7Z60 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRHNA7Z60
상세설명  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRHNA7Z60 데이터시트(HTML) 4 Page - International Rectifier

  IRHNA7Z60_15 Datasheet HTML 1Page - International Rectifier IRHNA7Z60_15 Datasheet HTML 2Page - International Rectifier IRHNA7Z60_15 Datasheet HTML 3Page - International Rectifier IRHNA7Z60_15 Datasheet HTML 4Page - International Rectifier IRHNA7Z60_15 Datasheet HTML 5Page - International Rectifier IRHNA7Z60_15 Datasheet HTML 6Page - International Rectifier IRHNA7Z60_15 Datasheet HTML 7Page - International Rectifier IRHNA7Z60_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.irf.com
IRHNA7Z60
Pre-Irradiation
10
100
1000
0.1
1
10
100

20µs PULSE WIDTH
T = 25 C
J
°

TOP
BOTTOM
VGS
15V
12V
10V
9.0V
8.0V
7.0V
6.0V
5.0V
V
, Drain-to-Source Voltage (V)
DS
5.0V
Fig 1. Typical Output Characteristics
10
100
1000
0.1
1
10
100

20µs PULSE WIDTH
T = 150 C
J
°

TOP
BOTTOM
VGS
15V
12V
10V
9.0V
8.0V
7.0V
6.0V
5.0V
V
, Drain-to-Source Voltage (V)
DS
5.0V
Fig 2. Typical Output Characteristics
10
100
1000
5
6
7
8
9
10
11
12

V
= 50V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS

T = 150 C
J
°

T = 25 C
J
°
Fig 3. Typical Transfer Characteristics
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature( C)
J
°


V
=
I =
GS
D
10V
75A
Fig 4. Normalized On-Resistance
Vs. Temperature


유사한 부품 번호 - IRHNA7Z60_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHNA7Z60 IRF-IRHNA7Z60 Datasheet
124Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-2)
More results

유사한 설명 - IRHNA7Z60_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com