전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX485CPA 데이터시트(PDF) 15 Page - Maxim Integrated Products

부품명 MAX485CPA
상세설명  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX485CPA 데이터시트(HTML) 15 Page - Maxim Integrated Products

Back Button MAX485CPA Datasheet HTML 11Page - Maxim Integrated Products MAX485CPA Datasheet HTML 12Page - Maxim Integrated Products MAX485CPA Datasheet HTML 13Page - Maxim Integrated Products MAX485CPA Datasheet HTML 14Page - Maxim Integrated Products MAX485CPA Datasheet HTML 15Page - Maxim Integrated Products MAX485CPA Datasheet HTML 16Page - Maxim Integrated Products MAX485CPA Datasheet HTML 17Page - Maxim Integrated Products MAX485CPA Datasheet HTML 18Page - Maxim Integrated Products MAX485CPA Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
______________________________________________________________________________________
15
_______________Ordering Information
_________________Chip Topographies
MAX481/MAX483/MAX485/MAX487/MAX1487
N.C.
RO
0.054"
(1.372mm)
0.080"
(2.032mm)
DE
DI
GND
B
N.C.
VCC
A
RE
* Contact factory for dice specifications.
14 CERDIP
-55°C to +125°C
MAX489MJD
14 SO
-40°C to +85°C
MAX489ESD
14 Plastic DIP
-40°C to +85°C
MAX489EPD
Dice*
0°C to +70°C
MAX489C/D
14 SO
0°C to +70°C
MAX489CSD
14 Plastic DIP
0°C to +70°C
MAX489CPD
8 CERDIP
-55°C to +125°C
MAX488MJA
8 SO
-40°C to +85°C
MAX488ESA
8 Plastic DIP
-40°C to +85°C
MAX488EPA
Dice*
0°C to +70°C
MAX488C/D
8 SO
0°C to +70°C
MAX488CSA
8 Plastic DIP
0°C to +70°C
MAX488CPA
8 CERDIP
-55°C to +125°C
MAX487MJA
8 SO
-40°C to +85°C
MAX487ESA
8 Plastic DIP
-40°C to +85°C
MAX487EPA
Dice*
0°C to +70°C
MAX487C/D
8 SO
0°C to +70°C
MAX487CSA
8 Plastic DIP
0°C to +70°C
MAX487CPA
8 CERDIP
-55°C to +125°C
MAX485MJA
8 SO
-40°C to +85°C
MAX485ESA
8 Plastic DIP
-40°C to +85°C
MAX485EPA
Dice*
0°C to +70°C
MAX485C/D
8 SO
0°C to +70°C
MAX485CSA
8 Plastic DIP
0°C to +70°C
MAX485CPA
8 CERDIP
-55°C to +125°C
MAX483MJA
8 SO
-40°C to +85°C
MAX483ESA
8 Plastic DIP
-40°C to +85°C
MAX483EPA
8 CERDIP
-55°C to +125°C
MAX481MJA
8 Plastic DIP
0°C to +70°C
MAX481CPA
PIN-PACKAGE
TEMP. RANGE
PART
14 CERDIP
-55°C to +125°C
MAX491MJD
14 SO
-40°C to +85°C
MAX491ESD
14 Plastic DIP
-40°C to +85°C
MAX491EPD
Dice*
0°C to +70°C
MAX491C/D
14 SO
0°C to +70°C
MAX491CSD
14 Plastic DIP
0°C to +70°C
MAX491CPD
8 CERDIP
-55°C to +125°C
MAX490MJA
8 SO
-40°C to +85°C
MAX490ESA
8 Plastic DIP
-40°C to +85°C
MAX490EPA
Dice*
0°C to +70°C
MAX490C/D
8 Plastic DIP
0°C to +70°C
MAX490CPA
PIN-PACKAGE
TEMP. RANGE
PART
8 SO
-40°C to +85°C
MAX481ESA
8 µMAX
0°C to +70°C
MAX485CUA
8 µMAX
0°C to +70°C
MAX487CUA
8 µMAX
0°C to +70°C
MAX488CUA
8 SO
0°C to +70°C
MAX490CSA
8 µMAX
0°C to +70°C
MAX490CUA
__Ordering Information (continued)
8 CERDIP
-55°C to +125°C
MAX1487MJA
8 SO
-40°C to +85°C
MAX1487ESA
8 Plastic DIP
-40°C to +85°C
MAX1487EPA
Dice*
0°C to +70°C
MAX1487C/D
8 SO
0°C to +70°C
MAX1487CSA
8 Plastic DIP
0°C to +70°C
MAX1487CPA
8 µMAX
0°C to +70°C
MAX1487CUA
8 µMAX
0°C to +70°C
MAX483CUA
Dice*
0°C to +70°C
MAX483C/D
8 SO
0°C to +70°C
MAX483CSA
8 Plastic DIP
0°C to +70°C
MAX483CPA
8 Plastic DIP
-40°C to +85°C
MAX481EPA
Dice*
0°C to +70°C
MAX481C/D
8 µMAX
0°C to +70°C
MAX481CUA
8 SO
0°C to +70°C
MAX481CSA


유사한 부품 번호 - MAX485CPA

제조업체부품명데이터시트상세설명
logo
Tiger Electronic Co.,Lt...
MAX485CPA TGS-MAX485CPA Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results

유사한 설명 - MAX485CPA

제조업체부품명데이터시트상세설명
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
TECH PUBLIC Electronics...
ST3485EBDR TECHPUBLIC-ST3485EBDR Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
SN75176 TGS-SN75176 Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
TECH PUBLIC Electronics...
TP3485ES8 TECHPUBLIC-TP3485ES8 Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Guangdong Youtai Semico...
MAX485ESA UMW-MAX485ESA Datasheet
394Kb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
KODENSHI_AUK CORP.
KKX485 KODENSHI-KKX485 Datasheet
305Kb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com