전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRHNA9160 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRHNA9160
상세설명  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRHNA9160 데이터시트(HTML) 1 Page - International Rectifier

  IRHNA9160_15 Datasheet HTML 1Page - International Rectifier IRHNA9160_15 Datasheet HTML 2Page - International Rectifier IRHNA9160_15 Datasheet HTML 3Page - International Rectifier IRHNA9160_15 Datasheet HTML 4Page - International Rectifier IRHNA9160_15 Datasheet HTML 5Page - International Rectifier IRHNA9160_15 Datasheet HTML 6Page - International Rectifier IRHNA9160_15 Datasheet HTML 7Page - International Rectifier IRHNA9160_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = -12V, TC = 25°C
Continuous Drain Current
-38
ID @ VGS = -12V, TC = 100°C Continuous Drain Current
-24
I DM
Pulsed Drain Current ➀
-152
PD @ TC = 25°C
Max. Power Dissipation
300
W
Linear Derating Factor
2.4
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
500
mJ
IAR
Avalanche Current ➀
-38
A
EAR
Repetitive Avalanche Energy ➀
30
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
-17
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
PCKG Mounting Surface Temp.
300 (for 5s)
Weight
3.3(typical)
g
PD - 91433C
Pre-Irradiation
International Rectifier’s RADHard HEXFETTM technol-
ogy provides high performance power MOSFETs for
space applications. This technology has over a de-
cade of proven performance and reliability in satellite
applications. These devices have been character-
ized for both Total Dose and Single Event Effects (SEE).
The combination of low Rdson and low gate charge
reduces the power losses in switching applications
such as DC to DC converters and motor control. These
devices retain all of the well established advantages
of MOSFETs such as voltage control, fast switching,
ease of paralleling and temperature stability of elec-
trical parameters.
oC
A
RADIATION HARDENED
JANSR2N7425U
POWER MOSFET
100V, P-CHANNEL
SURFACE MOUNT (SMD-2)
REF: MIL-PRF-19500/655
RAD Hard
HEXFET
®
TECHNOLOGY
02/20/03
www.irf.com
1
SMD-2
Product Summary
Part Number Radiation Level
RDS(on)
ID
QPL Part Number
IRHNA9160
100K Rads (Si)
0.068
-38A
JANSR2N7425U
IRHNA93160
300K Rads (Si)
0.068
-38A
JANSF2N7425U
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n LowTotal Gate Charge
n Proton Tolerant
n SimpleDriveRequirements
n Ease of Paralleling
n Hermetically Sealed
n Surface Mount
n CeramicPackage
n Light Weight
For footnotes refer to the last page
IRHNA9160


유사한 부품 번호 - IRHNA9160_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHNA9160 IRF-IRHNA9160 Datasheet
153Kb / 4P
   TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.087ohm, Id=-38A)
More results

유사한 설명 - IRHNA9160_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com