전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRHNJ67234 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRHNJ67234
상세설명  Simple Drive Requirements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRHNJ67234 데이터시트(HTML) 2 Page - International Rectifier

  IRHNJ67234_15 Datasheet HTML 1Page - International Rectifier IRHNJ67234_15 Datasheet HTML 2Page - International Rectifier IRHNJ67234_15 Datasheet HTML 3Page - International Rectifier IRHNJ67234_15 Datasheet HTML 4Page - International Rectifier IRHNJ67234_15 Datasheet HTML 5Page - International Rectifier IRHNJ67234_15 Datasheet HTML 6Page - International Rectifier IRHNJ67234_15 Datasheet HTML 7Page - International Rectifier IRHNJ67234_15 Datasheet HTML 8Page - International Rectifier IRHNJ67234_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRHNJ67234, JANSR2N7593U3
Pre-Irradiation
2
www.irf.com
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
12.4
ISM
Pulse Source Current (Body Diode)
À
49.6
VSD Diode Forward Voltage
1.2
V
Tj = 25°C, IS = 12.4A, VGS = 0V Ã
trr
Reverse Recovery Time
350
ns
Tj = 25°C, IF = 12.4, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
5.15
µCVDD ≤ 50V Ã
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
For footnotes refer to the last page
Note: Corresponding Spice and Saber models are available on International Rectifier Web site.
* Current is limited by package
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
250
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown —
0.24
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.21
VGS = 12V, ID = 7.8A
Resistance
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 1.0mA
∆VGS(th)/∆TJ Gate Threshold Voltage Coefficient
-9.16
mV/°C
gfs
Forward Transconductance
8.8
S
VDS = 15V, IDS = 7.8A Ã
IDSS
Zero Gate Voltage Drain Current
10
VDS= 200V ,VGS=0V
——
25
VDS = 200V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
50
VGS = 12V, ID = 12.4A
Qgs
Gate-to-Source Charge
15
nC
VDS = 125V
Qgd
Gate-to-Drain (‘Miller’) Charge
20
td(on)
Turn-On Delay Time
25
VDD = 125V, ID = 12.4A,
tr
Rise Time
30
VGS = 12V, RG = 7.5Ω
td(off)
Turn-Off Delay Time
60
tf
Fall Time
30
LS + LD
Total Inductance
4.0
Ciss
Input Capacitance
1445
VGS = 0V, VDS = 25V
Coss
Output Capacitance
187
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
2.4
nA
Ã
nH
ns
µA
Measured from the center of
drain pad to center of source pad
Rg
Gate Resistance
1.2
f = 1.0MHz, open drain
Thermal Resistance
Parameter
Min Typ Max Units
Test Conditions
RthJC
Junction-to-Case
1.67 °C/W


유사한 부품 번호 - IRHNJ67234_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHNJ67234 IRF-IRHNJ67234 Datasheet
188Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
More results

유사한 설명 - IRHNJ67234_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com