전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRHQ57110 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRHQ57110
상세설명  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRHQ57110 데이터시트(HTML) 3 Page - International Rectifier

  IRHQ57110 Datasheet HTML 1Page - International Rectifier IRHQ57110 Datasheet HTML 2Page - International Rectifier IRHQ57110 Datasheet HTML 3Page - International Rectifier IRHQ57110 Datasheet HTML 4Page - International Rectifier IRHQ57110 Datasheet HTML 5Page - International Rectifier IRHQ57110 Datasheet HTML 6Page - International Rectifier IRHQ57110 Datasheet HTML 7Page - International Rectifier IRHQ57110 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
Pre-Irradiation
IRHQ57110
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation
ÄÅ (Per Die)
Parameter
Up to500KRads(Si)1
Units
Test Conditions
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
100
100
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
2.0
4.0
1.5
4.5
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
100
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
-100
VGS = -20 V
IDSS
Zero Gate Voltage Drain Current
10
25
µA
VDS= 80V, VGS =0V
RDS(on)
Static Drain-to-Source
Ã
0.226
0.246
VGS = 12V, ID = 2.9A
On-State Resistance (TO-3)
RDS(on)
Static Drain-to-Source
Ã
0.27
0.29
VGS = 12V, ID = 2.9A
On-State Resistance (LCC-28)
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
1. Part numbers IRHQ57110, IRHQ53110, IRHQ54110
2. Part number IRHQ58110
Fig a. Typical Single Event Effect, Safe Operating Area
VSD
Diode Forward Voltage
Ã
1.2
1.2
V
VGS = 0V, IS = 4.6A
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Table 2. Typical Single Event Effect Safe Operating Area (Per Die)
1000K Rads (Si)2
0
20
40
60
80
100
120
-20
-15
-10
-5
0
Bias VGS (V)
LET=38 ± 5%
LET=61 ± 5%
LET=84 ± 5%
LET
Energy
RangeVDS (V)
(MeV/(mg/cm
2))
(MeV)
(µm)
@VGS =
@VGS =
@VGS =
@VGS =
@VGS =
0V
-5V
-10V
-15V
-20V
38 ± 5%
300 ± 7.5%
38 ± 7.5%
100
100
100
100
100
61 ± 5%
330 ± 7.5%
31 ± 10%
100
100
100
35
25
84 ± 5%
350 ± 10%
28 ± 7.5%
100
100
80
25
-


유사한 부품 번호 - IRHQ57110

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHQ57110 IRF-IRHQ57110 Datasheet
122Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28), 100V, Quad N-CHANNEL
More results

유사한 설명 - IRHQ57110

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com