전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRHSLNA57Z60 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRHSLNA57Z60
상세설명  Simple Drive Requirements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRHSLNA57Z60 데이터시트(HTML) 5 Page - International Rectifier

  IRHSLNA57Z60_15 Datasheet HTML 1Page - International Rectifier IRHSLNA57Z60_15 Datasheet HTML 2Page - International Rectifier IRHSLNA57Z60_15 Datasheet HTML 3Page - International Rectifier IRHSLNA57Z60_15 Datasheet HTML 4Page - International Rectifier IRHSLNA57Z60_15 Datasheet HTML 5Page - International Rectifier IRHSLNA57Z60_15 Datasheet HTML 6Page - International Rectifier IRHSLNA57Z60_15 Datasheet HTML 7Page - International Rectifier IRHSLNA57Z60_15 Datasheet HTML 8Page - International Rectifier IRHSLNA57Z60_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRHSLNA57Z60
www.irf.com
5
Fig 5. Typical Gate Charge Vs.
Gate-to-Source Voltage
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 5b. Gate Charge Test Circuit
QG
QGS
QGD
VG
Charge
12 V
Fig 5a. Basic Gate Charge Waveform
0
50
100
150
200
250
300
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G

I =
D
45A

V
= 15V
DS
V
= 24V
DS
Pre-Irradiation


유사한 부품 번호 - IRHSLNA57Z60_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHSLNA57Z60 IRF-IRHSLNA57Z60 Datasheet
130Kb / 9P
   RAD-HARD IRHSLNA57Z60 RECTIFIER SURFACE MOUNT (SMD-2)
More results

유사한 설명 - IRHSLNA57Z60_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com