전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S1142A 데이터시트(PDF) 7 Page - Seiko Instruments Inc

부품명 S1142A
상세설명  HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SII [Seiko Instruments Inc]
홈페이지  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1142A 데이터시트(HTML) 7 Page - Seiko Instruments Inc

Back Button S1142A Datasheet HTML 3Page - Seiko Instruments Inc S1142A Datasheet HTML 4Page - Seiko Instruments Inc S1142A Datasheet HTML 5Page - Seiko Instruments Inc S1142A Datasheet HTML 6Page - Seiko Instruments Inc S1142A Datasheet HTML 7Page - Seiko Instruments Inc S1142A Datasheet HTML 8Page - Seiko Instruments Inc S1142A Datasheet HTML 9Page - Seiko Instruments Inc S1142A Datasheet HTML 10Page - Seiko Instruments Inc S1142A Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_00
S-1142A/B Series
Seiko Instruments Inc.
7
Power dissipation of HSOP-6 (reference)
Package power dissipation differs depending on the mounting conditions.
The power dissipation characteristics under the following test conditions should be taken as reference values only.
[Mounted board]
(1) Board size:
50 mm
× 50 mm × t1.6 mm
(2) Board material: Glass epoxy resin (two layers)
(3) Wiring ratio:
90%
(4) Test conditions: When mounted on board (wind speed: 0 m/s)
(5) Land pattern:
Refer to the recommended land pattern (drawing code: FH006-A-L-SD)
0
50
100
150
2400
1600
0
Ambient temperature (Ta) [
°C]
800
2000
1200
400
Figure 4 Power Dissipation of Package (When Mounted on Board)
Table 6
Condition
Power Dissipation (Reference)
Thermal Resistance Value (
θj − a)
HSOP-6 (When mounted on board)
2000 mW
50°C/W


유사한 부품 번호 - S1142A

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S1142A-H SII-S1142A-H Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
More results

유사한 설명 - S1142A

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S1142C SII-S1142C Datasheet
651Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S1212 SII-S1212 Datasheet
1Mb / 45P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S19200 SII-S19200 Datasheet
537Kb / 28P
   FOR AUTOMOTIVE HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142A SII-S-1142A Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1212B SII-S1212B Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
Seiko Instruments Inc
S1142A-H SII-S1142A-H Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com