전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRHYB67134CM 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRHYB67134CM
상세설명  Simple Drive Requirements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRHYB67134CM 데이터시트(HTML) 1 Page - International Rectifier

  IRHYB67134CM_15 Datasheet HTML 1Page - International Rectifier IRHYB67134CM_15 Datasheet HTML 2Page - International Rectifier IRHYB67134CM_15 Datasheet HTML 3Page - International Rectifier IRHYB67134CM_15 Datasheet HTML 4Page - International Rectifier IRHYB67134CM_15 Datasheet HTML 5Page - International Rectifier IRHYB67134CM_15 Datasheet HTML 6Page - International Rectifier IRHYB67134CM_15 Datasheet HTML 7Page - International Rectifier IRHYB67134CM_15 Datasheet HTML 8Page - International Rectifier IRHYB67134CM_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C Continuous Drain Current
19
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
12
IDM
Pulsed Drain Current
À
76
PD @ TC = 25°C
Max. Power Dissipation
75
W
Linear Derating Factor
0.6
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
67
mJ
IAR
Avalanche Current
À
19
A
EAR
Repetitive Avalanche Energy
À
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
7.8
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. /1.6 mm from case for 10s)
Weight
3.7 (Typical)
g
°C
A
06/15/10
www.irf.com
1
For footnotes refer to the last page
Pre-Irradiation
Features:
n Low RDS(on)
n Fast Switching
n
Single Event Effect (SEE) Hardened
n Low Total Gate Charge
n
Simple Drive Requirements
n
Ease of Paralleling
n
Hermetically Sealed
n
Electrically Isolated
n Light Weight
International Rectifier’s R6TM technology provides
superior power MOSFETs for space applications.
These devices have improved immunity to Single
Event Effect (SEE) and have been characterized for
useful performance with Linear Energy Transfer
(LET) up to 90MeV/(mg/cm2). Their combination of
very low RDS(on) and faster switching times reduces
power loss and increases power density in today’s
high speed switching applications such as DC-DC
converters and motor controllers. These devices
retain all of the well established advantages of
MOSFETs such as voltage control, ease of paralleling
and temperature stability of electrical parameters.
Low-Ohmic
TO-257AA Tabless
RADIATION HARDENED
IRHYB67134CM
POWER MOSFET
150V, N-CHANNEL
THRU-HOLE (Low-Ohmic TO-257AA)
TECHNOLOGY
Product Summary
Part Number
Radiation Level
RDS(on)
ID
IRHYB67134CM 100K Rads (Si)
0.090
Ω 19A
IRHYB63134CM 300K Rads (Si)
0.090
Ω 19A
PD-96997A


유사한 부품 번호 - IRHYB67134CM_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHYB67134CM IRF-IRHYB67134CM Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
More results

유사한 설명 - IRHYB67134CM_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com